Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2G Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # US2G
Description  2.0A SURFACE MOUNT ULTRAFAST DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

US2G Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  US2G Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd US2G Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: SMA/DO-214AC SMB/DO-214AA, Molded Plastic
Ultra-Fast Recovery Time
Surge Overload Rating to 50A Peak
Ideally Suited for Automatic Assembly
Low Power Loss
Classification Rating 94V-O
Characteristic
Symbol
US2A
US2B
US2D
US2G
US2J
US2K US2M
Unit
-65 to +150
°C
2.0A SURFACE MOUNT ULTRAFAST DIODE
50
75
nS
35
70
140
280
420
560
800
V
50
100
200
400
600
800
1000
V
1.0
1.3
1.7
V
US2A – US2M
Features
Ideally Suited for Automatic Assembly
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
25
pF
Typical Thermal Resistance (Note 3)
RJL
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
US2A – US2M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Dim
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.62
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
SMA
SMB
!
Lead Free: For RoHS / Lead Free Version
Weight:
!
SMA Weight: 0.064 grams (approx.)
SMB Weight: 0.093 grams (approx.)
Alldatasheet


Similar Part No. - US2G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US2G DGNJDZ-US2G Datasheet
126Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Shanghai Sunrise Electr...
US2G SSE-US2G Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
US2G DGNJDZ-US2G Datasheet
115Kb / 2P
   2.0 AMP SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Frontier Electronics.
US2G FRONTIER-US2G Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Shanghai Shunye Electro...
US2G SHUNYE-US2G Datasheet
1,020Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US2G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
US2AF ZSELEC-US2AF Datasheet
101Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
US2ABF ZSELEC-US2ABF Datasheet
102Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
UF2A ZSELEC-UF2A Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
EGF2A ZSELEC-EGF2A Datasheet
120Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
20BF05 ZSELEC-20BF05 Datasheet
160Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
MURS210 ZSELEC-MURS210 Datasheet
161Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
logo
Won-Top Electronics
UF2A WTE-UF2A_06 Datasheet
56Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
HER201 WTE-HER201_06 Datasheet
58Kb / 4P
   2.0A ULTRAFAST DIODE
logo
SUNMATE electronic Co.,...
MMBD914 SUNMATE-MMBD914 Datasheet
120Kb / 2P
   2.0A Surface Mount Fast Switching Diode
logo
Won-Top Electronics
SR22 WTE-SR22_06 Datasheet
46Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com