Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5408 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # UF5408
Description  3.0A ULTRAFAST DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UF5408 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UF5408 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UF5408 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF5400 - UF5408
2 of 2

0.01
0.1
1.0
10
100
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
UF5400 - UF5403
UF5406 - UF5408
UF5404
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
UF5406 - UF5408
0
1
2
3
4
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
UF5400 - UF5404
UF5400 - UF5408
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - UF5408

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5408 JGD-UF5408 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
UF5408 YFWDIODE-UF5408 Datasheet
427Kb / 3P
   High Efficiency Silicon Rectifiers
logo
Microdiode Electronics ...
UF5408 CHENDA-UF5408 Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIERS Reverse Voltage - 50 to 1000 Volts
logo
TAITRON Components Inco...
UF5408 TAITRON-UF5408 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
logo
Microdiode Electronics ...
UF5408 CHENDA-UF5408 Datasheet
534Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - UF5408

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
UF5404 GXELECTRONICS-UF5404 Datasheet
325Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
HER301 ZSELEC-HER301 Datasheet
116Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Gaomi Xinghe Electronic...
UF5400 GXELECTRONICS-UF5400 Datasheet
325Kb / 2P
   3.0A ULTRAFAST DIODE
logo
Won-Top Electronics
UF5400 WTE-UF5400 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UG3001 ZSELEC-UG3001 Datasheet
137Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
EGP30A ZSELEC-EGP30A Datasheet
90Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
HER301G ZSELEC-HER301G Datasheet
134Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
UF300G ZSELEC-UF300G Datasheet
139Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
UG5401 ZSELEC-UG5401 Datasheet
137Kb / 2P
   3.0A GLASSPASSIVATED ULTRAFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com