Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG2KB60 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # UG2KB60
Description  2.0A BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UG2KB60 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UG2KB60 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UG2KB60 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS / Lead Free Version
UG2KB05 – UG2KB100
MIL-STD-202, Method 208
MIL-STD-202, Method 208
Weight: 1.7 grams (approx.)
Polarity: As Marked on Body
Ideal for Printed Circuit Boards
High Surge Current Capability
Low Forward Voltage Drop
Case: Molded Plastic
2.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
!
High Current Capability
!
High Reliability
!
!
Mechanical Data
!
!
!
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UG2K
B05
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@IF = 2.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Typical Thermal Resistance (Note 3)
RJA
35
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal resistance junction to ambient mounted on PC board with 12mm2 copper pad.
D3K
All Dimensions in mm
1 of 2
!
Z ibo Seno Electronic Engineering Co., Ltd.
Terminals: Plated Leads Solderable per
UG2K
B10
UG2K
B20
UG2K
B40
UG2K
B60
UG2K
B80
UG2K
B100
www.senocn.com
UG2KB05 – UG2KB100
1.05
V
Alldatasheet


Similar Part No. - UG2KB60

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG2KB60 GULFSEMI-UG2KB60 Datasheet
160Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
logo
Guangdong Juxing Electr...
UG2KB60 JUXING-UG2KB60 Datasheet
703Kb / 2P
   BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG2KB60 DYELEC-UG2KB60 Datasheet
442Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB60 DYELEC-UG2KB60 Datasheet
1Mb / 3P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
UG2KB60 CHENDA-UG2KB60 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - UG2KB60

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
   2.0A BRIDGE RECTIFIER
2W05 ZSELEC-2W05 Datasheet
163Kb / 2P
   2.0A BRIDGE RECTIFIER
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
   2.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UR2KB05 ZSELEC-UR2KB05 Datasheet
116Kb / 2P
   2.0A BRIDGE RECTIFIER
KBP201 ZSELEC-KBP201 Datasheet
338Kb / 2P
   2.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBJ2A WTE-KBJ2A Datasheet
48Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBP2005 ZSELEC-KBP2005 Datasheet
338Kb / 2P
   2.0A BRIDGE RECTIFIER
UD2KB05 ZSELEC-UD2KB05 Datasheet
118Kb / 2P
   2.0A BRIDGE RECTIFIER
2RS101M ZSELEC-2RS101M Datasheet
94Kb / 2P
   2.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com