Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF3K Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # UF3K
Description  3.0A SURFACE MOUNT ULTRAFAST DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UF3K Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UF3K Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UF3K Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
UF3A – UF3M
UF3A – UF3M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0.01
0.1
1.0
10
0.6
1.0
1.4
1.8
T = 25 C
j
°
Pulse width = 300 s
2% duty cycle
µ
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
100
200
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms single half
sine-wave
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0
1
2
3
4
025
50
75
100
125
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
Single phase half wave
Resistive or Inductive load
UF3J-UF3M
UF3G
UF3A-UF3D
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 100 C
j
°
T = 25 C
j
°
Alldatasheet


Similar Part No. - UF3K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF3K PANJIT-UF3K Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Yea Shin Technology Co....
UF3K YEASHIN-UF3K Datasheet
44Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
logo
Surge Components
UF3K SURGE-UF3K Datasheet
86Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 3.0 Ampere????
logo
Shanghai Shunye Electro...
UF3K SHUNYE-UF3K Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Transys Electronics
UF3K TRSYS-UF3K Datasheet
180Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Similar Description - UF3K

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
US3A ZSELEC-US3A Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
MURS310 ZSELEC-MURS310 Datasheet
158Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
EGF3A ZSELEC-EGF3A Datasheet
115Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT03-50 ZSELEC-SMBYT03-50 Datasheet
158Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
30BF05 ZSELEC-30BF05 Datasheet
162Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
US3AF ZSELEC-US3AF Datasheet
95Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
US3ABF ZSELEC-US3ABF Datasheet
96Kb / 2P
   3.0A SURFACE MOUNT ULTRAFAST DIODE
logo
Won-Top Electronics
UF3A WTE-UF3A_06 Datasheet
56Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
UF5401 ZSELEC-UF5401 Datasheet
109Kb / 2P
   3.0A ULTRAFAST DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com