Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7770 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7770 Datasheet HTML 4Page - Analog Devices AD7770 Datasheet HTML 5Page - Analog Devices AD7770 Datasheet HTML 6Page - Analog Devices AD7770 Datasheet HTML 7Page - Analog Devices AD7770 Datasheet HTML 8Page - Analog Devices AD7770 Datasheet HTML 9Page - Analog Devices AD7770 Datasheet HTML 10Page - Analog Devices AD7770 Datasheet HTML 11Page - Analog Devices AD7770 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
Data Sheet
AD7770
Rev. C | Page 7 of 97
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+105
°C
Functional2
TMIN to TMAX
−40
+125
°C
TEMPERATURE SENSOR
Accuracy
±2
°C
DIGITAL FILTER RESPONSE (SINC3)
Group Delay
See the SRC Group Delay section
Settling Time
See the Settling Time section
Pass Band
−0.1 dB
See the SRC Bandwidth section
−3 dB
See the SRC Bandwidth section
Decimation Rate
64
4095.99
CLOCK SOURCE
Frequency
High resolution mode
0.655
8.192
MHz
Low power mode
1.3
4.096
MHz
Duty Cycle
45:55
50:50
55:45
%
Σ-Δ ADC
Speed and Performance
Resolution
24
Bits
ODR
High resolution mode
32
kSPS
Low power mode
8
kSPS
No Missing Codes
Up to 24 kSPS
24
Bits
AC Accuracy
Dynamic Range
Shorted inputs, PGAGAIN = 1
32 kSPS
High resolution mode
103
dB
8 kSPS
High resolution mode
113
dB
Low power mode
103
dB
2 kSPS
Low power mode
113
dB
THD
−0.5 dBFS, high resolution mode
−109
dB
−0.5 dBFS, low power mode
−105
dB
Signal-to-Noise-and-Distortion
Ratio (SINAD)
fIN = 60 Hz
106
dB
SFDR
High resolution mode, 16 kSPS,
PGAGAIN = 1
132
dB
Intermodulation Distortion
(IMD)
fA = 50 Hz, fB = 51 Hz, high
resolution mode
−125
dB
fA = 50 Hz, fB = 51 Hz, low power
mode
−105
dB
DC Power Supply Rejection
AVDD1x = 3.3 V
−90
dB
DC Common-Mode Rejection
Ratio
80
dB
Crosstalk
−120
dB
DC ACCURACY
INL
High Resolution Mode
Endpoint method, PGAGAIN = 1
±8
±15
ppm of FSR
Other PGA gains
±4
±15
ppm of FSR
Low Power Mode
Endpoint method, PGAGAIN = 1
±9
±17
ppm of FSR
Other PGA gains
±6
±15
ppm of FSR
Offset Error
±15
±90
µV
Offset Error Drift
±0.25
µV/°C
Over time
−2
µV/
1000 hours


Similar Part No. - AD7770

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7770 AD-AD7770 Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770ACPZ AD-AD7770ACPZ Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770ACPZ-RL AD-AD7770ACPZ-RL Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
More results

Similar Description - AD7770

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7779 AD-AD7779 Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770 Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com