Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD4000 Datasheet(PDF) 26 Page - Analog Devices

Part # AD4000
Description  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD4000_17 Datasheet HTML 22Page - Analog Devices AD4000_17 Datasheet HTML 23Page - Analog Devices AD4000_17 Datasheet HTML 24Page - Analog Devices AD4000_17 Datasheet HTML 25Page - Analog Devices AD4000_17 Datasheet HTML 26Page - Analog Devices AD4000_17 Datasheet HTML 27Page - Analog Devices AD4000_17 Datasheet HTML 28Page - Analog Devices AD4000_17 Datasheet HTML 29Page - Analog Devices AD4000_17 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 26 of 36
tCYC
tSCK
tDIS
tSCKL
tSCKH
tSCNVSCK
tSSDISCK
tHSDISCK
tCNVH
tEN
CNV
SCK
1
2
3
4
5
6
7
0
1
1
0
1
0
1
0
0
B0
B1
B2
B3
B4
B5
B6
WEN
R/W
0
1
0
1
ADDR[1:0]
8
9
10
11
12
13
14
15
16
SDI
SDO
tHSDO
tDSDO
B7
X
D15
D14
D13
D12
D11
D10
D9
D8
Figure 46. Register Read Timing Diagram (X Means Don’t Care)
1
CONVERSION RESULT ON BITS[D15:D0]
D15
1THE USER MUST WAIT tCONV WHEN READING BACK THE CONVERSION RESULT AND PERFORMING A REGISTER WRITE AT THE SAME TIME.
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
tCYC
tSCK
tSCKL
tSCKH
tSCNVSCK
tSSDISCK
tHSDISCK
tCNVH1
EN
CNV
SCK
1
2
3
4
5
0
0
1
0
1
0
1
0
0
WEN
R/W
0
1
0
1
ADDR[1:0]
9
10
11
12
13
14
15
16
SDI
SDO
B0
B1
B2
B3
B4
B5
B6
B7
tHSDO
tDSDO
tHCNVSCK
Figure 47. Register Write Timing Diagram
SDIA
SDOA/SDIB
SDOB
0
0
COMMAND (0x14)
0
0
COMMAND (0x14)
0
0
COMMAND (0x14)
tCYC
tSCK
tSCKL
tSCKH
tSCNVSCK
CNV
SCK
1
24
tDIS
tCNVH
DATA (0xAB)
DATA (0xAB)
Figure 48. Register Write Timing Diagram, Daisy-Chain Mode


Similar Part No. - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
More results

Similar Description - AD4000_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com