Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL5261B Datasheet(PDF) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # LL5261B
Description  500mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

LL5261B Datasheet(HTML) 4 Page - Zibo Seno Electronic Engineering Co.,Ltd

  LL5261B Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd LL5261B Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd LL5261B Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd LL5261B Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Figure 3. Zener Voltage versus Zener Current – Vz=30 thru 75 Volts
Figure 4. Thermal resistance from junction to ambient as a function of pulse duration
Z ibo Seno Electronic Engineering Co., Ltd.
4 of 4
www.senocn.com
LL5221B~LL5271B
LL5221B~LL5271B
Alldatasheet


Similar Part No. - LL5261B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL5261B ETC1-LL5261B Datasheet
416Kb / 5P
   Zener diode
logo
First Components Intern...
LL5261B FCI-LL5261B Datasheet
181Kb / 2P
   쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
logo
Yangzhou yangjie electr...
LL5261B YANGJIE-LL5261B Datasheet
737Kb / 2P
   Zener diode
logo
RFE international
LL5261B RFE-LL5261B Datasheet
70Kb / 1P
   SURFACE MOUNT Zener Diodes
More results

Similar Description - LL5261B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com