Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL55C43 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # LL55C43
Description  500mW ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

LL55C43 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  LL55C43 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd LL55C43 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd LL55C43 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL55C2V4-LL55C75
500mW ZENER DIODE
Features
·
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Approx. Weight: 0.13 grams
·
Very Sharp Reverse Characteristic
·
Low Reverse Current Level
·
Very High Stability
·
Low Noise
Mechanical Data
Characteristic
Symbol
Value
Unit
Test Condition
Power Dissipation
Pd
500
mW
Lead length = 4.0mm, TL = 25°C
Zener Current
IZ
Pd/VZ
mA
Thermal Resistance, Junction to Ambient Air
RqJA
300
K/W
Lead length = 4.0mm, TL = constant
Forward Voltage
VF
1.5
V
IF = 200mA
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
1 of 3
LL55C2V4 - LL55C75
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Case:LL-34 / MiniMELF, Glass
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
C
A
B
Lead Free: For RoHS / Lead Free Version
·
Alldatasheet


Similar Part No. - LL55C43

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LL55C FORMOSA-LL55C Datasheet
445Kb / 5P
   Zener diode
logo
Yangzhou yangjie electr...
LL55C YANGJIE-LL55C Datasheet
933Kb / 4P
   Zener diode
More results

Similar Description - LL55C43

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
logo
Zibo Seno Electronic En...
BZX55C2V4 ZSELEC-BZX55C2V4 Datasheet
46Kb / 3P
   500mW ZENER DIODE
logo
Compensated Deuices Inc...
CDLL5518 CDI-DIODE-CDLL5518 Datasheet
94Kb / 2P
   ZENER DIODE, 500mW
logo
Diodes Incorporated
BZX55C2V4 DIODES-BZX55C2V4 Datasheet
168Kb / 3P
   500mW ZENER DIODE
DS18013 Rev. 3 - 3
logo
Cystech Electonics Corp...
ZD5270BSH CYSTEKEC-ZD5270BSH Datasheet
305Kb / 7P
   500mW Zener Diode
logo
Microsemi Corporation
IN5519BUR-1 MICROSEMI-IN5519BUR-1 Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com