Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMB10S Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # RMB10S
Description  FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

RMB10S Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  RMB10S Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd RMB10S Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Forward Surge Current
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
125
150 175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Derating Curve
A
Single phase half-wave
60 Hz resistive or inductive load
50V DC
Approx
50 NI (Non-inductive)
10 NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25°C
j
Pulse width = 300 µs
RMB05S - RMB10S
RMB05S – RMB10S
Alldatasheet


Similar Part No. - RMB10S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
RMB10S DYELEC-RMB10S Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB10S DYELEC-RMB10S Datasheet
1Mb / 3P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
RMB10S CHENDA-RMB10S Datasheet
267Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB10S CHENDA-RMB10S Datasheet
557Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
RMB10SU DYELEC-RMB10SU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RMB10S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RABS205 ZSELEC-RABS205 Datasheet
136Kb / 2P
   FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS05 ZSELEC-RABS05 Datasheet
136Kb / 2P
   FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS1505 ZSELEC-RABS1505 Datasheet
136Kb / 2P
   FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB05F ZSELEC-RMB05F Datasheet
88Kb / 2P
   FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nanjing International G...
RTMBF305 DGNJDZ-RTMBF305 Datasheet
256Kb / 2P
   FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RTMBF805 DGNJDZ-RTMBF805 Datasheet
284Kb / 2P
   FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DBF3005 DGNJDZ-DBF3005 Datasheet
289Kb / 2P
   FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
RH02 DIODES-RH02_15 Datasheet
75Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER
logo
Vishay Siliconix
MB2S VISHAY-MB2S_V01 Datasheet
106Kb / 5P
   Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
01-Jan-2022
logo
Zibo Seno Electronic En...
R05S ZSELEC-R05S Datasheet
138Kb / 2P
   0.8A FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com