Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14559BCP Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC14559BCP
Description  Successive Approximation Registers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14559BCP Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC14559BCP Datasheet HTML 4Page - ON Semiconductor MC14559BCP Datasheet HTML 5Page - ON Semiconductor MC14559BCP Datasheet HTML 6Page - ON Semiconductor MC14559BCP Datasheet HTML 7Page - ON Semiconductor MC14559BCP Datasheet HTML 8Page - ON Semiconductor MC14559BCP Datasheet HTML 9Page - ON Semiconductor MC14559BCP Datasheet HTML 10Page - ON Semiconductor MC14559BCP Datasheet HTML 11Page - ON Semiconductor MC14559BCP Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC14549B, MC14559B
http://onsemi.com
8
Q7 Q6 Q5
MR
SC
C
Sout
MC14549B
Q4 Q3 Q2 Q1 Q0 EOC
Sout
TO DAC
Q7 Q6 Q5
SC
CSout
MC14559B
Q4 Q3 Q2 Q1 Q0
EOC
TO DAC
FF
EOC
Figure 4. Continuously Cycling 12–Bit ADC
Externally Controlled 12–Bit ADC (Figure 5)
In this circuit the external pulse starts the first SAR and
simultaneously resets the cascaded second SAR. When Q4
of the first SAR goes high, the second SAR starts
conversion, and the first one stops conversion. EOC
indicates that the parallel data are valid and that the serial
output is complete. Updating the output data is started with
every external control pulse.
Additional Motorola Parts for Successive
Approximation ADC
Monolithic digital–to–analog converters — The
MC1408/1508 converter has eight–bit resolution and is
available
with
6,
7,
and
8–bit
accuracy.
The
amplifier–comparator block — The MC1407/1507
contains a high speed operational amplifier and a high speed
comparator with adjustable window.
With these two linear parts it is possible to construct
SA–ADCs with an accuracy of up to eight bits, using as the
register one MC14549B or one MC14559B. An additional
CMOS block will be necessary to generate the clock
frequency.
Additional information on successive approximation
ADC is found in Motorola Application Note AN–716.
Figure 5. Externally Controlled 12–Bit ADC
Q7 Q6 Q5
MR
SC
C
Sout
MC14549B
Q4 Q3 Q2 Q1 Q0 EOC
Sout
TO DAC
Q7 Q6 Q5
SC
CSout
MC14559B
Q4 Q3 Q2 Q1 Q0
EOC
TO DAC
FF
EOC


Similar Part No. - MC14559BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14559BCP ONSEMI-MC14559BCP Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
MC14559BCPG ONSEMI-MC14559BCPG Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
More results

Similar Description - MC14559BCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
logo
National Semiconductor ...
DM2502 NSC-DM2502 Datasheet
197Kb / 8P
   Successive Approximation Registers
logo
Motorola, Inc
MC14549B MOTOROLA-MC14549B Datasheet
212Kb / 9P
   SUCCESSIVE APPROXIMATION REGISTERS
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_14 Datasheet
117Kb / 8P
   Successive Approximation Registers
July, 2014 ??Rev. 8
logo
List of Unclassifed Man...
AM2502 ETC-AM2502 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
List of Unclassifed Man...
AM25L04 ETC-AM25L04 Datasheet
268Kb / 8P
   LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com