Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS11H-03550-CH Datasheet(PDF) 5 Page - Kemet Corporation

Part # SS11H-03550-CH
Description  SS Coils, SS11V/H-CH Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS11H-03550-CH Datasheet(HTML) 5 Page - Kemet Corporation

  SS11H-03550-CH Datasheet HTML 1Page - Kemet Corporation SS11H-03550-CH Datasheet HTML 2Page - Kemet Corporation SS11H-03550-CH Datasheet HTML 3Page - Kemet Corporation SS11H-03550-CH Datasheet HTML 4Page - Kemet Corporation SS11H-03550-CH Datasheet HTML 5Page - Kemet Corporation SS11H-03550-CH Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0023_SS11V/H-CH • 6/16/2014
AC Line Filters – SS Coils, SS11V/H-CH Type
KEMET Corporation
World Headquarters
2835 KEMET Way
Simpsonville, SC 29681
Mailing Address:
P.O. Box 5928
Greenville, SC 29606
www.kemet.com
Tel: 864-963-6300
Fax: 864-963-6521
Corporate Offices
Fort Lauderdale, FL
Tel: 954-766-2800
North America
Southeast
Lake Mary, FL
Tel: 407-855-8886
Northeast
Wilmington, MA
Tel: 978-658-1663
Central
Novi, MI
Tel: 248-306-9353
West
Milpitas, CA
Tel: 408-433-9950
Mexico
Guadalajara, Jalisco
Tel: 52-33-3123-2141
Europe
Southern Europe
Paris, France
Tel: 33-1-4646-1006
Sasso Marconi, Italy
Tel: 39-051-939111
Central Europe
Landsberg, Germany
Tel: 49-8191-3350800
Kamen, Germany
Tel: 49-2307-438110
Northern Europe
Bishop’s Stortford, United Kingdom
Tel: 44-1279-460122
Espoo, Finland
Tel: 358-9-5406-5000
Asia
Northeast Asia
Hong Kong
Tel: 852-2305-1168
Shenzhen, China
Tel: 86-755-2518-1306
Beijing, China
Tel: 86-10-5829-1711
Shanghai, China
Tel: 86-21-6447-0707
Taipei, Taiwan
Tel: 886-2-27528585
Southeast Asia
Singapore
Tel: 65-6586-1900
Penang, Malaysia
Tel: 60-4-6430200
Bangalore, India
Tel: 91-806-53-76817
Note: KEMET reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. KEMET does not
assume any responsibility for infringement that might result from the use of KEMET Capacitors in potential circuit designs. KEMET is a registered trademark of
KEMET Electronics Corporation.


Similar Part No. - SS11H-03550-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS11H-03550-CH KEMET-SS11H-03550-CH Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
More results

Similar Description - SS11H-03550-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
   SS Coils, SS35V/H Type
SS11V-07120-CH KEMET-SS11V-07120-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.012 H
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.018 H
SS11H-R10093-CH KEMET-SS11H-R10093-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 9300 uH
SS11V-08083-CH KEMET-SS11V-08083-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 8300 uH
SS11V-R10093-CH KEMET-SS11V-R10093-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 9300 uH
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
   SS Coils, SS21V Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com