Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # 5.0SMDJ
Description  Working Voltage: 11 to 440 V Peak Pulse Power: 5000 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

5.0SMDJ Datasheet(HTML) 5 Page - E-CMOS Corporation

  5.0SMDJ Datasheet HTML 1Page - E-CMOS Corporation 5.0SMDJ Datasheet HTML 2Page - E-CMOS Corporation 5.0SMDJ Datasheet HTML 3Page - E-CMOS Corporation 5.0SMDJ Datasheet HTML 4Page - E-CMOS Corporation 5.0SMDJ Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Working Voltage: 11 to 440 V
Peak Pulse Power: 5000 W
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 5
4F24N-Rev. F001
5.0SMDJ Series


Similar Part No. - 5.0SMDJ

ManufacturerPart #DatasheetDescription
logo
StarHope
5.0SMDJ SPSEMI-5.0SMDJ Datasheet
551Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 11 TO 170 Volts
logo
Anova Technologies CO.,...
5.0SMDJ ANOVA-5.0SMDJ Datasheet
289Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Goodwork Semiconductor ...
5.0SMDJ GWSEMI-5.0SMDJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
5.0SMDJ LUGUANG-5.0SMDJ Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
PACELEADER INDUSTRIAL
5.0SMDJ PACELEADER-5.0SMDJ Datasheet
345Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5.0SMDJ

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
5.0SMCJ RECTRON-5.0SMCJ Datasheet
521Kb / 6P
   Reverse Voltage 11 ~ 440 V 5000 Watt Peak Pulse Power
logo
E-CMOS Corporation
5KP E-CMOS-5KP Datasheet
372Kb / 5P
   Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
   Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
SMAJ E-CMOS-SMAJ Datasheet
818Kb / 5P
   Working Voltage: 3.3 to 440 V Peak Pulse Power: 400 W
SMCJ E-CMOS-SMCJ Datasheet
761Kb / 5P
   Working Voltage: 5.0 to 440 V Peak Pulse Power: 1500 W
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
15KPA E-CMOS-15KPA Datasheet
378Kb / 3P
   Reverse Voltage: 17 to 280 V Peak Pulse Power: 15000 W
logo
StarHope
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
logo
Pan Jit International I...
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
New Jersey Semi-Conduct...
BZY91 NJSEMI-BZY91 Datasheet
88Kb / 2P
   Voltage Range?.5 - 75 Volts 5000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com