Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFL04BG222Q2N34B0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PTFL04BG222Q2N34B0
Description  PTC Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PTFL04BG222Q2N34B0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PTFL04BG222Q2N34B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PTFL04BG222Q2N34B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PTFL04BG222Q2N34B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PTFL04BG222Q2N34B0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PTFL04BG222Q2N34B0
PTFL04BG222Q2N34B0
Specifications
Max. Voltage
16V
Sensing Temperature
70
Measure Condition of Sensing
Temperature
TS
Resistance
(25
)
330Ω
Resistance Value Tolerance (at
25
)
max.
Resistance
1.5kΩ
Measure Condition of Resistance
max.(TS-
10
)
Resistance Value(2)
2.2kΩ
Measure Condition of Resistance(2)
min.(TS
)
Operating Temperature Range
-
10
to
80
Shape
Lead
Mass
0.30g
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/10/24


Similar Part No. - PTFL04BG222Q2N34B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PTFL04BG222Q2N34B0 MURATA-PTFL04BG222Q2N34B0 Datasheet
32Kb / 1P
   POSISTOR for Circuit Protection
logo
Murata Manufacturing Co...
PTFL04BG222Q2N34B0 MURATA1-PTFL04BG222Q2N34B0 Datasheet
267Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PTFL04BG222Q2N34B0 MURATA1-PTFL04BG222Q2N34B0 Datasheet
305Kb / 3P
   PTC Thermistors
02/05/2024
PTFL04BG222Q2N34B0 MURATA1-PTFL04BG222Q2N34B0_V01 Datasheet
267Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PTFL04BG222Q2N34B0 MURATA1-PTFL04BG222Q2N34B0_V02 Datasheet
305Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PTFL04BG222Q2N34B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF15BC102RB6RC MURATA-PRF15BC102RB6RC Datasheet
215Kb / 3P
   PTC Thermistors
PRF18AR471QB5RB MURATA-PRF18AR471QB5RB Datasheet
222Kb / 3P
   PTC Thermistors
PRF18AS471QS5RB MURATA-PRF18AS471QS5RB Datasheet
225Kb / 3P
   PTC Thermistors
PRF18BG471RB5RB MURATA-PRF18BG471RB5RB Datasheet
226Kb / 3P
   PTC Thermistors
PRF15AR102RB6RC MURATA-PRF15AR102RB6RC Datasheet
215Kb / 3P
   PTC Thermistors
PRF15BG102RB6RC MURATA-PRF15BG102RB6RC Datasheet
217Kb / 3P
   PTC Thermistors
PRF18AR471QS5RB MURATA-PRF18AR471QS5RB Datasheet
224Kb / 3P
   PTC Thermistors
PRF18BB471RS5RB MURATA-PRF18BB471RS5RB Datasheet
225Kb / 3P
   PTC Thermistors
PTGLCSAS4R7K6B51B0 MURATA-PTGLCSAS4R7K6B51B0_17 Datasheet
250Kb / 3P
   PTC Thermistors
PTFL04BG471Q2N34B0 MURATA-PTFL04BG471Q2N34B0 Datasheet
210Kb / 3P
   PTC Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com