Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH28F800BGH-L Datasheet(PDF) 4 Page - Sharp Corporation

Part # LH28F800BGH-L
Description  8 M-bit (512 kB x 16) SmartVoltage Flash Memories
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800BGH-L Datasheet(HTML) 4 Page - Sharp Corporation

  LH28F800BGH-L Datasheet HTML 1Page - Sharp Corporation LH28F800BGH-L Datasheet HTML 2Page - Sharp Corporation LH28F800BGH-L Datasheet HTML 3Page - Sharp Corporation LH28F800BGH-L Datasheet HTML 4Page - Sharp Corporation LH28F800BGH-L Datasheet HTML 5Page - Sharp Corporation LH28F800BGH-L Datasheet HTML 6Page - Sharp Corporation LH28F800BGH-L Datasheet HTML 7Page - Sharp Corporation LH28F800BGH-L Datasheet HTML 8Page - Sharp Corporation LH28F800BGH-L Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
LH28F800BG-L/BGH-L (FOR TSOP, CSP)
- 4 -
PIN DESCRIPTION
SYMBOL
TYPE
NAME AND FUNCTION
A0-A18
INPUT
ADDRESS INPUTS : Inputs for addresses during read and write operations. Addresses
are internally latched during a write cycle.
DATA INPUT/OUTPUTS : Inputs data and commands during CUI write cycles; outputs
data during memory array, status register and identifier code read cycles. Data pins float
to high-impedance when the chip is deselected or outputs are disabled. Data is
internally latched during a write cycle.
CE#
INPUT
CHIP ENABLE : Activates the device’s control logic, input buffers, decoders and sense
amplifiers. CE#-high deselects the device and reduces power consumption to standby
levels.
RESET/DEEP POWER-DOWN : Puts the device in deep power-down mode and resets
internal automation. RP#-high enables normal operation. When driven low, RP# inhibits
write operations which provide data protection during power transitions. Exit from deep
power-down sets the device to read array mode. With RP# = VHH, block erase or word
write can operate to all blocks without WP# state. Block erase or word write with VIH <
RP# < VHH produce spurious results and should not be attempted.
OE#
INPUT
OUTPUT ENABLE : Gates the device’s outputs during a read cycle.
WE#
INPUT
WRITE ENABLE : Controls writes to the CUI and array blocks. Addresses and data are
latched on the rising edge of the WE# pulse.
WP#
INPUT
WRITE PROTECT : Master control for boot blocks locking. When VIL, locked boot
blocks cannot be erased and programmed.
READY/BUSY : Indicates the status of the internal WSM. When low, the WSM is
performing an internal operation (block erase or word write). RY/BY#-high indicates that
the WSM is ready for new commands, block erase is suspended, and word write is
inactive, word write is suspended, or the device is in deep power-down mode. RY/BY#
is always active and does not float when the chip is deselected or data outputs are
disabled.
VPP
SUPPLY
BLOCK ERASE AND WORD WRITE POWER SUPPLY : For erasing array blocks or
writing words. With VPP
≤ VPPLK, memory contents cannot be altered. Block erase and
word write with an invalid VPP (see Section 6.2.3 "DC CHARACTERISTICS") produce
spurious results and should not be attempted.
DEVICE POWER SUPPLY : Internal detection configures the device for 2.7 V, 3.3 V or
5 V operation. To switch from one voltage to another, ramp VCC down to GND and then
ramp VCC to the new voltage. Do not float any power pins. With VCC
≤ VLKO, all write
attempts to the flash memory are inhibited. Device operations at invalid VCC voltage
(see Section 6.2.3 "DC CHARACTERISTICS") produce spurious results and should
not be attempted.
GND
SUPPLY
GROUND : Do not float any ground pins.
NC
NO CONNECT : Lead is not internal connected; recommend to be floated.
DQ0-DQ15
INPUT/
OUTPUT
RP#
INPUT/
RY/BY#
OUTPUT
VCC
SUPPLY


Similar Part No. - LH28F800BGH-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGH-L SHARP-LH28F800BGH-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGH-L SHARP-LH28F800BGH-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
More results

Similar Description - LH28F800BGH-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BGB-L SHARP-LH28F800BGB-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
   16 M-bit (2 MB x 8) SmartVoltage Flash Memories
LH28F160SGED-L10 SHARP-LH28F160SGED-L10 Datasheet
252Kb / 42P
   16 M-bit (512 kB x 16 x 2-Bank) SmartVoltage Dual Work Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com