Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022057025 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0022057025
Description  2.50mm Pitch SPOX Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 2 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022057025 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0022057025_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0022057025_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
250V
Material Info
Engineering Number
5268-02A
Reference - Drawing Numbers
Packaging Specification
SPK-5268-001-001
Product Specification
PS-5264-001-001
Sales Drawing
SD-5268-NA
This document was generated on 10/18/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0022057025_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022057025 MOLEX2-0022057025 Datasheet
149Kb / 4P
   2.50mm (.098) Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 2 Circuits
More results

Similar Description - 0022057025_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-05-7025 MOLEX11-22-05-7025 Datasheet
43Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 2 Circuits
0022057025 MOLEX2-0022057025 Datasheet
149Kb / 4P
   2.50mm (.098) Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 2 Circuits
0022057075 MOLEX1-0022057075_17 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 7 Circuits
0022057095 MOLEX1-0022057095_17 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 9 Circuits
22-05-7035 MOLEX11-22-05-7035 Datasheet
43Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 3 Circuits
22-05-7075 MOLEX11-22-05-7075 Datasheet
43Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 7 Circuits
22-05-7105 MOLEX11-22-05-7105 Datasheet
43Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 10 Circuits
0022057105 MOLEX1-0022057105_17 Datasheet
36Kb / 2P
   2.50mm Pitch SPOX Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 10 Circuits
22-05-7055 MOLEX11-22-05-7055 Datasheet
43Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 5 Circuits
22-05-7085 MOLEX11-22-05-7085 Datasheet
43Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 8 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com