Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54HC4316 Datasheet(PDF) 5 Page - STMicroelectronics

Part No. M54HC4316
Description  QUAD BILATERAL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4316 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC4316 Datasheet HTML 1Page - STMicroelectronics M54HC4316 Datasheet HTML 2Page - STMicroelectronics M54HC4316 Datasheet HTML 3Page - STMicroelectronics M54HC4316 Datasheet HTML 4Page - STMicroelectronics M54HC4316 Datasheet HTML 5Page - STMicroelectronics M54HC4316 Datasheet HTML 6Page - STMicroelectronics M54HC4316 Datasheet HTML 7Page - STMicroelectronics M54HC4316 Datasheet HTML 8Page - STMicroelectronics M54HC4316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M74HC4316
5/11
ANALOG SWITCH CHARACTERISTICS (GND = 0V;TA =25°C)
Symbol
Parameter
Test Condition
Value Unit
VCC
(V)
VEE
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion (THD)
2.25
2.25
4
fIN =1 KHz RL =10 KΩ,CL =50 pF
0.025
%
4.5
4.5
8
0.020
6.0
6.0
11
0.018
fMAX
Frequency
Response
(Switch ON)
2.25
2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL =50Ω,CL =10 pF, fIN = 1MHz sine wave
28
MHz
4.5
4.5
42
6.0
6.0
43
Feed through
Attenuation
(Switch OFF )
2.25
2.25
VIN is centered at VCC/2. Adjust input for 0 dBm
RL = 600Ω,CL =50 pF, fIN = 1MHz sine wave
-50
dB
4.5
4.5
-50
6.0
6.0
-50
Crosstalk (Control
Input to Signal
Output)
2.25
2.25
RL = 600Ω,CL =50 pF, fIN = 1MHz square wave (tr =tf =6ns)
mV
4.5
4.5
5
6.0
6.0
Crosstalk
(Between Any
Switches)
2.25
2.25
Adjust VIN to Obtain 0 dBm at input
RL = 600Ω,CL =50 pF, fIN = 1MHz sine wave
-50
dB
4.5
4.5
-50
6.0
6.0
-50


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVQ4066QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
TC4066BPQUAD BILATERAL SWITCH 1 2 3 4 5 MoreToshiba Semiconductor
CD4066BMQuad Bilateral Switch 1 2 3 4 5 MoreNational Semiconductor (TI)
M74HC4066QUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
TC74HC4066APQUAD BILATERAL SWITCH 1 2 3 4 5 MoreToshiba Semiconductor
HCC4016BQUAD BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
HCC4066BOR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1 2 3 4 5 MoreSTMicroelectronics
HCF4066BQUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1 2 3 4 5 MoreSTMicroelectronics
LC4966Quad Bilateral Switch 1 2 3 4 5 MoreSanyo Semicon Device
CD54HC4066High-Speed CMOS Logic Quad Bilateral Switch 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn