Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1796 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1796
Description  Integrated Circuit Hybrid Switching Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1796 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1796
Integrated Circuit
Hybrid Switching Voltage Regulator
Features:
D Triple Diffused Transistor Chips Incorporated
D Compact Plastic Package with Industry Standard Reliability
D Output Voltage is Pre–Fixed – No External Adjustment is Required
Absolute Maximum Ratings:
Peak Input Voltage, VIN
900V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current, IIN
Continuous
6A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulse
12A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +100°C), PD
27W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Power Transistor Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range (TC), Topr
–20
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unles otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
VIN = 220V, IO = 500mA
113.0
114.5
116.0
V
Detecting Voltage (Fixed Output)
VO
Iin = 7mA
41.3
41.8
42.3
V
Load Regulation
RegLOAD VIN = 220V, IO = 300mA to 500mA
Initial Value
±2
V
Output Voltage Temperature
Coefficient
TC = –20° to +100°C, Iin = 7mA
±2
mV/
°C
Saturation Voltage
VCE(sat) IC = 2A, IB = 400mA
1.0
V
VBE(sat)
IC = 2A, IB = 400mA
1.5
V
DC Current Gain
hFE
IC = 1A, VCE = 4V
10
30
Collector Cutoff Current
ICEX
VCE = 900V, VBE = –1.5V
1.0
mA
Power Transistor Thermal
Resistance
RthJC
Between Junction and Stem
Upper Surface
1.8
°C/W
Switching Time
ts
IC = 2A, IB1 = 300mA, IB2 = 1A,
7
µs
tf
RL = 50Ω
1
µs
Note 1. Recommended Case Temperature: Topr = +100°C.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn