Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-TW8 Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-TW8
Description  16-BIT SIN/COS INTERPOLATOR
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TW8 Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-TW8 Datasheet HTML 7Page - IC-Haus GmbH IC-TW8 Datasheet HTML 8Page - IC-Haus GmbH IC-TW8 Datasheet HTML 9Page - IC-Haus GmbH IC-TW8 Datasheet HTML 10Page - IC-Haus GmbH IC-TW8 Datasheet HTML 11Page - IC-Haus GmbH IC-TW8 Datasheet HTML 12Page - IC-Haus GmbH IC-TW8 Datasheet HTML 13Page - IC-Haus GmbH IC-TW8 Datasheet HTML 14Page - IC-Haus GmbH IC-TW8 Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
iC-TW8 16-BIT SIN/COS INTERPOLATOR
WITH AUTO-CALIBRATION
Rev C2, Page 11/67
ELECTRICAL CHARACTERISTICS
Operating conditions: AVDD = DVDD = 3.1...5.5 V, Tj = -40...+125 °C, reference point AVSS unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Bias Outputs: VC, VREF
901 VC
Bias Voltage at VC
I(VC) = 0
50
%VDD
902 dVREF
Bias Voltage at VREF versus VC dVREF = V(VREF) - V(VC); I(VREF) = 0
-1
V
Configuration Inputs: C0, C1, C2, C3
A01 Ilk()
Input Leakage Current
±1
µA
5V
3V
2V
4V
1.4 V
3.5 V
1V
Vcm 1.75V
Vcm 3.15V
1.4 V
2.1 V
VDD= 4.5 V
VDD= 3.1 V
350 mVpeak max.
Vcm 1.75V
350 mVpeak max.
VIN
Figure 1: Permissible input voltage range (@5 V -10%, and @3.3 V -5%)
A
B
tAB
tMTD
twhi
T
AArel
AArel
Figure 2: Description of AB output signals.
0
360
180
converter
error
INL: The maximum absolute error.
DNL: the maximum step
between two consecutive
samples.
ideal converter
actual
converter
angular position
Figure 3: Definition of integral and differential nonlin-
earity.


Similar Part No. - IC-TW8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
More results

Similar Description - IC-TW8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
   10-BIT SIN/COS INTERPOLATOR
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
TW8 ICHAUS-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-MR ICHAUS-IC-MR Datasheet
1Mb / 44P
   13-BIT S&H SIN/COS INTERPOLATOR WITH CONTROLLER INTERFACES
IC-MR3 ICHAUS-IC-MR3 Datasheet
1Mb / 63P
   13-BIT S&H SIN/COS INTERPOLATOR WITH 2.5 V/ 5 V CONTROLLER INTERFACES
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com