Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MG Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-MG
Description  8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MG Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-MG_14 Datasheet HTML 1Page - IC-Haus GmbH IC-MG_14 Datasheet HTML 2Page - IC-Haus GmbH IC-MG_14 Datasheet HTML 3Page - IC-Haus GmbH IC-MG_14 Datasheet HTML 4Page - IC-Haus GmbH IC-MG_14 Datasheet HTML 5Page - IC-Haus GmbH IC-MG_14 Datasheet HTML 6Page - IC-Haus GmbH IC-MG_14 Datasheet HTML 7Page - IC-Haus GmbH IC-MG_14 Datasheet HTML 8Page - IC-Haus GmbH IC-MG_14 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
iC-MG
8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev D1, Page 4/22
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 4.3...5.5 V, Tj = -40
C...125 C, IBN calibrated to 200 µA, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
General
001
V(VDD)
Permissible Supply Voltage
Load current I(VDDS) to 10 mA
4.3
5.5
V
Load current I(VDDS) to 20 mA
4.5
5.5
V
002
I(VDD)
Supply Current
Tj = -40...125
C, no load
25
mA
Tj = 27
C, no load
12
mA
003
VDDon
Turn-on Threshold VDD
3.6
4.0
4.3
V
004
VDDoff
Turn-off Threshold VDD
3.0
3.5
3.8
V
005
VDDhys
Turn-on Threshold Hysteresis
0.4
V
006
Vcz()hi
Clamp Voltage hi at all pins
11
V
007
Vc()hi
Clamp Voltage hi at
inputs SCL, SDA
Vc()hi = V() - V(VDD), I() = 1 mA
0.4
1.5
V
008
Vc()hi
Clamp Voltage hi at inputs
PSIN, NSIN, PCOS, NCOS,
PZERO, NZERO
Vc()hi = V() - V(VDD), I() = 4 mA
0.3
1.2
V
009
VC()lo
Clamp Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
010
Irev(VDD)
Reverse-Polarity Current VDD vs.
GND
V(VDD) = −5.5V...−4.3 V
-1
1
mA
Inputs and Signal Conditioning: PSIN, NSIN, PCOS, NCOS, PZERO, NZERO
101
Vin()sig
Permissible Input Voltage Range RSC, RZ = 0x1
0.75
VDDS -
1.5
V
RSC, RZ = 0x9
0
VDDS
V
102
Iin()sig
Permissible Input Current Range RSC(0), RZ(0) = 0, BIASSC = 0
-300
-10
µA
RSC(0), RZ(0) = 0, BIASSC = 1
10
300
µA
103
Iin()
Input Current
RSC, RZ = 0x1
-10
10
µA
104
Rin()
Input Resistance vs. VREFin()
Nominal values following Table 8
70
100
130
%
105
TCRin()
Input Resistance Temperature
Coefficient
0.15
%/K
106
VREFin()
Input Reference Voltage
No load, nominal values following Table 9
90
100
110
%
107
G
Gain Factor (Coarse x Fine)
RSC(3), RZ(3) = 0, GRx = 0x0, GFx = 0x00
2
RSC(3), RZ(3) = 0, GRx = 0x7, GFx = max.
100
RSC(3), RZ(3) = 1, GRx = 0x0, GFx = 0x00
0.5
RSC(3), RZ(3) = 1, GRx = 0x7, GFx = max.
25
108
G-LSB
Least Significant Gain Factor Cal.
Step
Sine channel
1.015
Cosine channel
1.06
Zero channel
1.06
109
G-INL
Integral Non-Linearity of Gain
Factor Cal.
-1
1
LSB
110
GR-CR
S/C-Chan. Gain Ratio Calibration
Range
GFC = 0x10, GFS = 0x00...0xFF
39
255
%
111
Vin()diff
Recommended Diff. Input Signal
Level
Vin()diff = V(PCHx) - V(NCHx);
RSC, RZ = 0x9
10
500
mVpp
RSC, RZ = 0x9
40
2000
mVpp
112
Vin()os
Input Offset Voltage
Referenced to side of input pins
25
µV
113
OFS/C-CR S/C Offset Calibration Range
Referenced to source VOSSC;
ORS, ORC = 00
±100
%V()
ORS, ORC = 01
±200
%V()
ORS, ORC = 10
±600
%V()
ORS, ORC = 11
±1200
%V()
114
OFS/C-
LSB
Least Significant S/C-Offset Cal.
Step
Referenced to source VOSSC; ORS, ORC= 00
0.79
%
115
OFZ-LSB
Least Significant Z-Offset Cal.
Step
Referenced to VOSZ; ORZ = 00
3.2
%
116
OFx-INL
Integral Non-Linearity of Offset
Cal.
-5
5
LSB
117
PH-CR
S/C Phase Calibration Range
±20


Similar Part No. - IC-MG_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MGEVALMG1D ICHAUS-IC-MGEVALMG1D Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MGTSSOP20 ICHAUS-IC-MGTSSOP20 Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results

Similar Description - IC-MG_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF Datasheet
754Kb / 37P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ Datasheet
832Kb / 39P
   PROGRAMMABLE 9-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-PI ICHAUS-IC-PI Datasheet
1Mb / 49P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-TW2 ICHAUS-IC-TW2 Datasheet
459Kb / 30P
   8-BIT SIN/COS INTERPOLATION IC WITH INTEGRATED EEPROM
IC-MSB ICHAUS-IC-MSB Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com