Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC12.7155J50B31TR24 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SMC12.7155J50B31TR24
Description  Film, Metallized PPS, Commercial Grade, SMC/F125, 1.5 uF, 5%, 50 V, 30 V, 100C, 5045, 6.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMC12.7155J50B31TR24 Datasheet(HTML) 1 Page - Kemet Corporation

  SMC12.7155J50B31TR24 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 51a1c86b-fb55-4150-b8ee-149f854bc6af
KEMET Part Number: SMC12.7155J50B31TR24
(F125YR155J050V, SMC100ZB7150JB31T1)
Film, Metallized PPS, Commercial Grade, SMC/F125, 1.5 uF, 5%, 50 V, 30 V, 100C, 5045, 6.5mm
Dimensions
Chip Size
5045
L
12.7mm +/-0.2mm
W
11.5mm +/-0.2mm
T
6.5mm +/-0.2mm
F
0.5mm NOM
Packaging Specifications
Packaging: T&R
Packaging Quantity: 600
General Information
Dielectric: Metallized PPS
Style: SMD Chip
Series: SMC/F125
Features: High Stability
RoHS: Yes
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 1.5 uF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Voltage AC: 30 V
Temperature Range: -55/+125C
Rated Temperature: 100C
Dissipation Factor: 0.15% 1kHz, 0.3% 10kHz
Insulation Resistance: 3.3333 GOhms
Max dVdt: 3 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - SMC12.7155J50B31TR24

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMC12.7105J50B31TR24 KEMET-SMC12.7105J50B31TR24 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 1 uF, 5%, 50 V, 30 V, 100C, 5045, 6.5mm
More results

Similar Description - SMC12.7155J50B31TR24

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMC12.7105J50B31TR24 KEMET-SMC12.7105J50B31TR24 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 1 uF, 5%, 50 V, 30 V, 100C, 5045, 6.5mm
SMC12.7474J100B31TR24 KEMET-SMC12.7474J100B31TR24 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.47 uF, 5%, 100 V, 63 V, 100C, 5045, 6.5mm
SMC16.5225J50C31TR24 KEMET-SMC16.5225J50C31TR24 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 2.2 uF, 5%, 50 V, 30 V, 100C, 6560, 7mm
SMC7.3154J50K35TR12 KEMET-SMC7.3154J50K35TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.15 uF, 5%, 50 V, 30 V, 100C, 2824, 3.5mm
SMC10.2334J50A31TR16 KEMET-SMC10.2334J50A31TR16 Datasheet
76Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.33 uF, 5%, 50 V, 30 V, 100C, 4036, 5.5mm
SMC5.7223J50J33TR12 KEMET-SMC5.7223J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.022 uF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC5.7473J50J33TR12 KEMET-SMC5.7473J50J33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.047 uF, 5%, 50 V, 30 V, 100C, 2220, 3mm
SMC7.3224J50K37TR12 KEMET-SMC7.3224J50K37TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.22 uF, 5%, 50 V, 30 V, 100C, 2824, 4.5mm
SMC10.2684J50A31TR16 KEMET-SMC10.2684J50A31TR16 Datasheet
76Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.68 uF, 5%, 50 V, 30 V, 100C, 4036, 5.5mm
SMC7.3104J50K33TR12 KEMET-SMC7.3104J50K33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.1 uF, 5%, 50 V, 30 V, 100C, 2824, 3mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com