Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE448SB4180JR06 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE448SB4180JR06
Description  Pulse capacitor, polypropylene film/foil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE448SB4180JR06 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE448SB4180JR06 Datasheet HTML 1Page - Kemet Corporation PHE448SB4180JR06 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
RoHS
Compliant
1600
2000
650
700
1.5–
0.1–
22
3.3
In accordance with E12 series
standard.
Other tolerances on request
-55 °C to +105 °C
+85° C
The rated voltage is decreased
with 1.3%/°C from +85 °C.
55/105/56
2 x U
R, 2s
Measured at +23 °C, 100 VDC, 60s
Between terminals:
≥ 100 000 MΩ
Between terminals and case:
≥ 100 000 MΩ
Max values at +23°C
1 kHz:
0.03%
10 kHz:
0.05%
100 kHz:
0.1%
The capacitors can withstand an
unlimited number of pulses with a
dU/dt according to the article table.
PHE448
• Pulse capacitor, polypropylene film/foil
tyPiCal aPPliCations
ConstruCtion
gEnEral data
High frequency and high voltage
applications, requiring capacitors with
extremely high current handling capability,
i.e. high dU/dt values.
Polypropylene film dielectric with aluminum
foil and metallized film as electrodes,
encapsulated in self-extinguishing material
meeting the requirements of UL94V-0.
rated voltage u
r, vdc
rated voltage u
r, vac
capacitance range, nf
capacitance values
capacitance tolerance
category temperature range
rated temperature
voltage derating
climatic category
voltage proof
insulation resistance
dissipation factor tan
δ
Pulse rise time
ordEring inFormation
marKing
• RIFA
• Article code
• Rated capacitance according to
IEC 60062
• Capacitance tolerance code
• Rated voltage
• Manufacturing date code
(year, month)
p
d
std l
max l
b
15.0 ± 0.4
0.8
6-1
30
±0.4
L
H
B
p
l
∅ d
0.5
b
The article code for the standard part is
given in the article table.
For other options, see page 12.
EnvironmEntal tEst data
See page 107.


Similar Part No. - PHE448SB4180JR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448SB4150JR06 KEMET-PHE448SB4150JR06 Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 1500 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
More results

Similar Description - PHE448SB4180JR06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE448 ETC-PHE448 Datasheet
55Kb / 2P
   Pulse capacitor, polypropylene film/foil
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com