Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S501LR107V2R7U Datasheet(PDF) 1 Page - Kemet Corporation

Part # S501LR107V2R7U
Description  Snap-In Supercapacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S501LR107V2R7U Datasheet(HTML) 1 Page - Kemet Corporation

  S501LR107V2R7U Datasheet HTML 1Page - Kemet Corporation S501LR107V2R7U Datasheet HTML 2Page - Kemet Corporation S501LR107V2R7U Datasheet HTML 3Page - Kemet Corporation S501LR107V2R7U Datasheet HTML 4Page - Kemet Corporation S501LR107V2R7U Datasheet HTML 5Page - Kemet Corporation S501LR107V2R7U Datasheet HTML 6Page - Kemet Corporation S501LR107V2R7U Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6003_S501 • 11/19/2013
One world. One KEMET
Benefits
• Board mountable
• Solderable
• High power
• High rate cycling
• Long life
• Operatingtemperaturerangeof-40˚Cto+65˚C
• High cycle life > 500,000 cycles
• RoHS Compliant
• Made in USA
Overview
KEMET S501 Series Supercapacitors use a proprietary electrode
design to deliver a very high power density. This product features
high power performance of up to 600 F capacity in a single
ended, board mountable, snap-in termination construction.
Applications
Typical applications include automotive subsystems, backup
power/UPS, handheld/portable devices, hybrid energy storage,
hybrid drivetrains, windmill pitch control, emergency lighting,
medical devices, power correction, engine starting, and
renewable energy.
Snap-In Supercapacitors
S501 Series, Snap-In, 2.7 V, 65ºC
Part Number System
S501
DC
107
V
2R7
A
Series
Size Code (D x L)
Capacitance Code (µF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Termination Code
Supercapacitor,
Snap-In
Termination
DC = 22 x 45
LF = 35 x 60
LI = 35 x 69
LR = 35 x 89
Digits7&8indicatethefirsttwodigitsof
the capacitance value.
Digit 9 indicates the number of zeros to be
added.
V=-5/+10%
W=-0/+20%
2R7 = 2.7
A= 2 pin, 10 mm lead spacing,
5.9 mm terminal length
U = 4 pin standard snap-in style


Similar Part No. - S501LR107V2R7U

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S501LR607V2R7A KEMET-S501LR607V2R7A Datasheet
413Kb / 7P
   Snap-In Supercapacitors
More results

Similar Description - S501LR107V2R7U

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S501DC107W2R7A KEMET-S501DC107W2R7A Datasheet
413Kb / 7P
   Snap-In Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
   Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
   Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
   Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
   Supercapacitors
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
   Supercapacitors
logo
Cooper Bussmann, Inc.
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
   Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
   Supercapacitors
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
   Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
   Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com