Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE448SB3680JR06 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PHE448SB3680JR06
Description  Pulse capacitor, polypropylene film/foil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE448SB3680JR06 Datasheet(HTML) 2 Page - Kemet Corporation

  PHE448SB3680JR06 Datasheet HTML 1Page - Kemet Corporation PHE448SB3680JR06 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
Phe448
artiClE taBlE
1600 vdc/650 vac
lead sPacinG 15 mm
1.5
B04
5.5 10.5 18.0 15000
87 PHE448RB4150JR06
1.8
B04
5.5 10.5 18.0 15000
86 PHE448RB4180JR06
2.2
B04
5.5 10.5 18.0 15000
84 PHE448RB4220JR06
2.7
B10
6.5 12.5 18.0 15000
82 PHE448RB4270JR06
3.3
B10
6.5 12.5 18.0 15000
82 PHE448RB4330JR06
3.9
B10
6.5 12.5 18.0 15000
82 PHE448RB4390JR06
4.7
B10
6.5 12.5 18.0 15000
82 PHE448RB4470JR06
5.6
B06
7.5 14.5 18.0 15000
78 PHE448RB4560JR06
6.8
B06
7.5 14.5 18.0 15000
78 PHE448RB4680JR06
8.2
B11
8.5 16.0 18.0 15000
70 PHE448RB4820JR06
10.0
B11
8.5 16.0 18.0 15000
70 PHE448RB5100JR06
12.0
B14
9.5 17.5 18.0 15000
60 PHE448RB5120JR06
15.0
B14
9.5 17.5 18.0 15000
60 PHE448RB5150JR06
18.0
B16 11.0 19.0 18.0 15000
55 PHE448RB5180JR06
22.0
B16 11.0 19.0 18.0 15000
55 PHE448RB5220KR06 *
* Only
±10 % tolerance
dErating oF u
rms vs FrEQuEnCy, +85°C amBiEnt tEmPEraturE
and 10°C intErnal HEating, tyPiCal valuEs
more simulation possibilities in Pccad. see page 106.
150
200
250
300
350
400
450
500
550
600
650
102
102
103
104
105
106
1600 VDC/650 VAC
Frequency (Hz)
1500 pF
4700 pF
10000 pF
200
250
300
350
400
450
500
550
600
650
700
102
102
103
104
105
106
2000 VDC/700 VAC
Frequency (Hz)
330 pF
1000 pF
2700 pF
capaci- Box max dimensions max rthha article code
tance
code in mm
du/dt °c/w
nf
B
h
l
v/µs 85 °c
0.2 m/s
capaci- Box max dimensions max rthha article code
tance
code in mm
du/dt °c/w
nf
B
h
l
v/µs 85 °c
0.2 m/s
2000 vdc/700 vac
lead sPacinG 15 mm
0.10
B04
5.5 10.5 18.0 25000
87 PHE448SB3100JR06
0.12
B04
5.5 10.5 18.0 25000
87 PHE448SB3120JR06
0.15
B04
5.5 10.5 18.0 25000
87 PHE448SB3150JR06
0.18
B04
5.5 10.5 18.0 25000
87 PHE448SB3180JR06
0.22
B04
5.5 10.5 18.0 25000
87 PHE448SB3220JR06
0.27
B04
5.5 10.5 18.0 25000
87 PHE448SB3270JR06
0.33
B04
5.5 10.5 18.0 25000
86 PHE448SB3330JR06
0.39
B04
5.5 10.5 18.0 25000
86 PHE448SB3390JR06
0.47
B04
5.5 10.5 18.0 25000
86 PHE448SB3470JR06
0.56
B04
5.5 10.5 18.0 25000
85 PHE448SB3560JR06
0.68
B04
5.5 10.5 18.0 25000
85 PHE448SB3680JR06
0.82
B04
5.5 10.5 18.0 25000
85 PHE448SB3820JR06
1.0
B04
5.5 10.5 18.0 25000
84 PHE448SB4100JR06
1.2
B10
6.5 12.5 18.0 25000
82 PHE448SB4120JR06
1.5
B10
6.5 12.5 18.0 25000
82 PHE448SB4150JR06
1.8
B06
7.5 14.5 18.0 25000
78 PHE448SB4180JR06
2.2
B11
8.5 16.0 18.0 25000
70 PHE448SB4220JR06
2.7
B11
8.5 16.0 18.0 25000
70 PHE448SB4270JR06
3.3
B14
9.5 17.5 18.0 25000
60 PHE448SB4330JR06


Similar Part No. - PHE448SB3680JR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448SB3100JR06 KEMET-PHE448SB3100JR06 Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 100 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
PHE448SB3150JR06 KEMET-PHE448SB3150JR06 Datasheet
57Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 150 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
PHE448SB3220JR06 KEMET-PHE448SB3220JR06 Datasheet
57Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 220 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
PHE448SB3470JR06 KEMET-PHE448SB3470JR06 Datasheet
57Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 470 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
More results

Similar Description - PHE448SB3680JR06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE448 ETC-PHE448 Datasheet
55Kb / 2P
   Pulse capacitor, polypropylene film/foil
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com