Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271Y533MR30 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PME271Y533MR30
Description  EMI suppressor, class Y2, metallized paper
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271Y533MR30 Datasheet(HTML) 2 Page - Kemet Corporation

  PME271Y533MR30 Datasheet HTML 1Page - Kemet Corporation PME271Y533MR30 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
oRdERing inFoRmation
The article code for the standard part is given in the article table.
For other options, see page 11.
maRKing
• RIFA
• RIFA article code
• Rated capacitance
• Rated voltage
• Y2
• SH, for self-healing
• Climatic category according to
IEC 60068-1, appendix A
• Passive flammability class
• Approval marks
• Manufacturing code (year, month)
appRoVaLs
certification Body
specification
ENEC
EN/IEC 60384-14:2005
UL
UL 1283
(U
R = 250 VAC)
CSA
C 22.2 No. 8
PmE271y
aRtiCLE taBLE
Quantity per package
capaci- max dimensions
reel
max
tance
in mm
r30
r06
taped
weight
f
o
du/dt
article code
µf
B
h
l
p
pcs
pcs
pcs
g
mhz
v/µs
0.0010
3.9
7.5
13.5 10.2
1000
2000
700
0.7
53
2000
PME271Y410MR30
0.0015
3.9
7.5
13.5 10.2
1000
2000
700
0.7
44
2000
PME271Y415MR30
0.0022
3.9
7.5
13.5 10.2
1000
2000
700
0.7
37
2000
PME271Y422MR30
0.0033
4.1
8.2
13.5 10.2
1000
2000
600
0.9
30
2000
PME271Y433MR30
0.0047
5.1
10.5
13.5 10.2
800
1600
600
1.2
24
2000
PME271Y447MR30
0.0068
5.2
10.5
18.5 15.2
500
1000
600
1.7
19
1400
PME271Y468MR30
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
16
1400
PME271Y510MR30
0.015
5.5
11.0
18.5 15.2
500
1000
500
2.0
13
1400
PME271Y515MR30
0.022
7.3
13.0
18.5 15.2
400
800
400
3.0
9.8
1400
PME271Y522MR30
0.033
7.6
14.0
24.0 20.3
250
1500
250
4.0
7.0
1000
PME271Y533MR30
0.047
9.0
15.0
24.0 20.3
200
1200
250
5.0
6.0
1000
PME271Y547MR30
0.068
11.3
16.5
24.0 20.3
150
1000
180
7.0
4.6
600
PME271Y568MR30
0.10
12.1
19.0
30.5 25.4
100
800
10.0
3.9
400
PME271Y610MR30
class y2 300 vac + 115 °c PmE271 y
0.0010
3.9
7.5
13.5 10.2
1000
2000
700
0.7
53
2000
PME271YA4100MR30
0.0015
3.9
7.5
13.5 10.2
1000
2000
700
0.7
44
2000
PME271YA4150MR30
0.0022
3.9
7.5
13.5 10.2
1000
2000
700
0.7
37
2000
PME271YA4220MR30
0.0025
4.1
8.2
13.5 10.2
1000
2000
600
0.9
35
2000
PME271YA4250MR30
0.0033
4.1
8.2
13.5 10.2
1000
2000
600
0.9
30
2000
PME271YA4330MR30
0.0047
5.1
10.5
13.5 10.2
800
1600
600
1.2
24
2000
PME271YA4470MR30
0.0068
5.2
10.5
18.5 15.2
500
1000
600
1.7
19
1400
PME271YB4680MR30
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
16
1400
PME271YB5100MR30
0.015
5.5
11.0
18.5 15.2
500
1000
500
2.0
13
1400
PME271YB5150MR30
0.022
7.3
13.0
18.5 15.2
400
800
400
3.0
9.8
1400
PME271YB5220MR30
0.033
7.6
14.0
24.0 20.3
250
1500
250
4.0
7.0
1000
PME271YC5330MR30
0.047
9.0
15.0
24.0 20.3
200
1200
250
5.0
6.0
1000
PME271YC5470MR30
0.068
11.3
16.5
24.0 20.3
150
1000
180
7.0
4.6
1000
PME271YC5680MR30
0.033
8.0
17.0
27.0 22.5
200
1200
250
5.5
6.8
600
PME271YD5330MR30
0.047
8.0
17.0
27.0 22.5
200
1200
250
5.5
5.8
600
PME271YD5470MR30
0.068
10.0
19.0
27.0 22.5
150
1000
200
7.5
4.8
600
PME271YD5680MR30
0.10
12.0
22.0
27.0 22.5
100
800
10.0
3.8
600
PME271YD6100MR30
0.10
12.1
19.0
30.5 25.4
100
800
10.0
3.9
400
PME271YE6100MR30
0.15
15.3
22.0
30.5 25.4
75
600
15.0
3.1
400
PME271YE6150KR30
class y2 250 vac +100 °c PmE271 y


Similar Part No. - PME271Y533MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME271Y533MR30 ETC1-PME271Y533MR30 Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
More results

Similar Description - PME271Y533MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
PHE850 KEMET-PHE850 Datasheet
199Kb / 2P
   EMI suppressor, class Y2, metallized polypropylene
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com