Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P409CE104M275AH330 Datasheet(PDF) 1 Page - Kemet Corporation

Part # P409CE104M275AH330
Description  Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P409CE104M275AH330 Datasheet(HTML) 1 Page - Kemet Corporation

  P409CE104M275AH330 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - ba6e8718-fa4d-457b-b1f9-41161ab9c66c
KEMET Part Number: P409CE104M275AH330
Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
L
H
LL
F
T
S
Dimensions
L
24mm MAX
H
14mm MAX
T
7.6mm MAX
S
20.3mm +/-0.4mm
LL
30mm +5mm
F
0.8mm +/-0.05mm
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 250
General Information
Dielectric: Metallized Paper
Style: Radial
Series: P409
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Approvals: ENEC, UL, cUL
Construction: Molded
Miscellaneous: Resistor Tolerance: +/-30%.
Resistor= 33 Ohms
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 20%
Voltage DC: 630 VDC
Voltage AC: 275 VAC
Temperature Range: -40/+85C
Rated Temperature: 85C
Insulation Resistance: 3 GOhms
Safety Class: X2
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - P409CE104M275AH330

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P409CE104M275AH220 KEMET-P409CE104M275AH220 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
More results

Similar Description - P409CE104M275AH330

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
P409CE104M275AH220 KEMET-P409CE104M275AH220 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP104M275AH221 KEMET-P409CP104M275AH221 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP104M275AH151 KEMET-P409CP104M275AH151 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP104M275AH331 KEMET-P409CP104M275AH331 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.1 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP224M275AH220 KEMET-P409CP224M275AH220 Datasheet
52Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.22 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP224M275AH330 KEMET-P409CP224M275AH330 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.22 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP224M275AH151 KEMET-P409CP224M275AH151 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.22 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP224M275AH470 KEMET-P409CP224M275AH470 Datasheet
52Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.22 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP224M275AH221 KEMET-P409CP224M275AH221 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.22 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
P409CP224M275AH101 KEMET-P409CP224M275AH101 Datasheet
53Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P409, 0.22 uF, 20%, 630 V, 85C, Lead Spacing = 20.3mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com