Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELP6230ANR1R Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ELP6230ANR1R
Description  High Efficiency 1A/30V Boost DC/DC Convertor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ELP6230ANR1R Datasheet(HTML) 2 Page - E-CMOS Corporation

  ELP6230ANR1R Datasheet HTML 1Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 2Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 3Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 4Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 5Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 6Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 7Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELP6230A
E-CMOS Corp. (www.ecmos.com.tw)
5K06N-Rev. F001
High Efficiency 1A/30V Boost DC/DC Convertor
2/8
Pin Description
PIN
PIN Name
Description
1,7,8
NC
No Connection .
2
FB
Regulation Feedback Input . Connect to an external resistive voltage divider from the
output to FB to set the output voltage .
3
EN
Regulator On/off control Input . A logic high input (VEN>1.4V) turns on the Regulator . A
logic low input (VEN<0.4V) puts the ELP6230A into low current shut down mode .
4
GND
Ground.
5
SW
Output switching node . SW is the drain of the internal low-side N-Channel MOSFE .
Connect the inductor to SW to Complete the step-up converter.
6
VDD
Power Supply pin .
Ordering Information
ELP6230 AN XX X
Function Block Diagram
Part Number
Package
Marking
Marking Information
ELP6230ANR1R
MSOP-8L
R1:MSOP 8
R:Tape & Reel


Similar Part No. - ELP6230ANR1R

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ELP HAMMOND-ELP Datasheet
69Kb / 2P
   Electronic Locking Handle with Proximity
logo
Greystone Energy System...
ELP GREYSTONE-ELP Datasheet
573Kb / 2P
   LOW PRESSURE TRANSMITTER
logo
Leadshine Technology Co...
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
   ELP Series AC Servo Drive
logo
EPIGAP optoelectronic G...
ELP-645-013 EPIGAP-ELP-645-013 Datasheet
273Kb / 2P
   LED - Lamp
logo
Mean Well Enterprises C...
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
   75W Single Output with PFC Function
More results

Similar Description - ELP6230ANR1R

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
   High Efficiency Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
   High Efficiency Boost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
   High Efficiency 2.4A Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
   High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
   High Efficiency 2.0A Boost DC/DC Convertor
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
   High Efficiency 2.1A Boost DC/DC Convertor
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
   High Efficiency 4A Boost DC/DC Convertor
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
   High Efficiency 3A Boost DC/DC Convertor
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
   High Efficiency 10A Boost DC/DC Convertor
LP6230A POWER-LP6230A Datasheet
411Kb / 7P
   High Efficiency 1.4A/30VBoost DC/DC Convertor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com