Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1794 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1794
Description  Integrated Circuit Volatge Controlled Amp (VCA) for dbx Noise Reduction System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1794 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1794 Datasheet HTML 1Page - NTE Electronics NTE1794 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1794
Integrated Circuit
Volatge Controlled Amp (VCA)
for dbx Noise Reduction System
Description:
The NTE1794 is a dbx noise reduction system voltage controlled amp (VCA) in an 8–Lead SIP type
package designed for use in tape decks and other audio equipment. This device features excellent
linearity VCA for wider input level due to super low noise and a high gain NPN/PNP complementary
process.
Features:
D Wide Operating Supply Voltage
D Excellent Linearity Control Constant
D Low Total Harmonic Distortion
D Low Noise
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC, VEE
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, ICC
30mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +75°C), PD
330mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Supply Voltage
VCC, VEE Note 1
±4
±12 ±15
V
Bias Current
ISET
2.0
mA
Input Level Range
υin
–40
+10
dBV
Note 1. ISET = VEE – 4 VBE/REXT = VEE – 2.4/REXT = 2mA


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn