Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5326008 Datasheet(PDF) 2 Page - SICK AG

Part # 5326008
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

5326008 Datasheet(HTML) 2 Page - SICK AG

  5326008 Datasheet HTML 1Page - SICK AG 5326008 Datasheet HTML 2Page - SICK AG 5326008 Datasheet HTML 3Page - SICK AG 5326008 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LL3-RR01 | LL3
FIBER-OPTIC SENSORS AND FIBERS
Ordering information
Type
Part no.
LL3-RR01
5326008
Other models and accessories
www.sick.com/LL3
Detailed technical data
Features
Device type
Fibers
Detection principle
Proximity system
For fiber-optic sensor
GLL170(T), WLL180T, WLL24 Ex
Fiber length
2 m
Fiber material
Polymethylmethacrylat (PMMA)
Jacket material
Polyethylen (PE)
Fiber head material
Acrylnitril-Butadien-Styrol (ABS)
Outer diameter, fiber-optic cable connec-
tion
2.2 mm
Fiber-optic cable cuttable
✔ 1)
Fiber-optic head design
Flat type
Fiber arrangement
Multi-fiber – fiber bundle
Core structure
S: 151 x Ø 0,05 mm R: 151 x Ø 0,05 mm 2) Multi-fiber – fiber bundle
Bend radius, fibre-optic cable
1 mm
Angle of dispersion < 60°
Yes
Compatibility with infrared light (1,450 nm) No
Ambient operating temperature
–25 °C ... +55 °C
Application
High flexible (static)
Highly flexible/elastic fibers (bend radius
1–4 mm)
No
Adapter end sleeves required
No
Angle of dispersion
13.69°
Integrated lens
Yes
Minimal object diameter
0.3 mm 3)
Included with delivery
Mounting, 1 x terminal, FC fiber cutter (5304141), 30 mm x 30 mm reflector foil
Compatibility tip adapters
No
1) FC fiber optic cable cutter included in delivery.
2) Integrated pole filter.
3) Minimum detectable object was determined at optimum measuring distance and optimum setting.
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-08-15 16:43:06
Subject to change without notice


Similar Part No. - 5326008

ManufacturerPart #DatasheetDescription
logo
SICK AG
5326001 SICK-5326001 Datasheet
190Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
5326004 SICK-5326004 Datasheet
189Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 5326008

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com