Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS025025006-PF014 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS025025006-PF014
Description  Excellent balance of low cost and high performance in an aluminum heat sink.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS025025006-PF014 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS025025006-PF014_17 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 040517
BGA Heat Sink (High Aspect Ratio Ext.)
Standard Pin Fin
*Image above is for illustration purpose only.
ATS Part#:
ATS025025006-PF014
Description:
25.00 x 25.00 x 6.40 mm BGA Heat Sink (High Aspect Ratio Ext.) Standard Pin Fin
Heat Sink Type:
Standard Pin Fin
Heat Sink Attachment:
N/A
Equivalent Part Number:
N/A
Features & Benefits
Excellent balance of low cost and high performance in an aluminum heat sink.
Designed for semiconductor devices with omni-directional airflow requirements.
7 X 7 pin array
Available with a variety of thermal adhesive tape options. Contact sales@qats.com for product configurations.
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
17 °C/W
N/A °C/W
N/A °C/W
N/A °C/W
N/A °C/W
N/A °C/W
N/A °C/W
Ducted Flow
0
N/A
N/A
N/A
N/A
N/A
N/A
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
25.00 mm
25.00 mm
6.40 mm
N/A mm
NO TIM
Black Anodized
Notes:
Dimension A and B refer to component size.
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2013 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS025025006-PF014_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS025025006-PF014 ATS-ATS025025006-PF014 Datasheet
69Kb / 1P
   Cross Cut Heatsink Data Sheet
More results

Similar Description - ATS025025006-PF014_17

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS021021011-PF012 ATS-ATS021021011-PF012_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS028028006-PF018 ATS-ATS028028006-PF018_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS028028011-PF020 ATS-ATS028028011-PF020_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS028028015-PF021 ATS-ATS028028015-PF021_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS035035011-PF024 ATS-ATS035035011-PF024_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS041041013-PF027 ATS-ATS041041013-PF027_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS028028009-PF019 ATS-ATS028028009-PF019_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS021021006-PF010 ATS-ATS021021006-PF010_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS021021009-PF011 ATS-ATS021021009-PF011_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
ATS021021015-PF013 ATS-ATS021021015-PF013_17 Datasheet
240Kb / 1P
   Excellent balance of low cost and high performance in an aluminum heat sink.
Rev - 040517
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com