Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL310BF Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SL310BF
Description  100 Volts Forward Current -3.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SL310BF Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SL310BF Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SL310BF Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL310BF
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 100 Volts
Forward Current - 3.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.5x0.5
”(12.7x12.7mm) copper pad areas
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
80
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.15
R
θJA
CJ
TJ,
TSTG
50.0
450
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-50 to +150
-50 to +125
20
0.7
SL310BF
100
70
100
MDD Catalog Number
Dimensions in inches and (millimeters)
SMBF
Cathode Band
Top View
0.165(4.2)
0.173(4.4)
0.216(5.5)
0.200(5.1)
0.146(3.70)
0.138(3.50)
0.075(1.90)
0.086(2.20)
0.051(1.30)
0.043(1.10)
0.010(0.26)
0.0071(0.18)
0.051(1.30)
0.039(1.0)
FEATURES
MECHANICAL DATA
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
High forward surge current capability
For use in low voltage,high frequency inverters,
free wheeling,and polarity protection applicatlons
Case: JEDEC SMBF molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight:57mg/0.002oz


Similar Part No. - SL310BF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SL310B GOOD-ARK-SL310B Datasheet
210Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Microdiode Electronics ...
SL310B CHENDA-SL310B Datasheet
192Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SL310B MCC-SL310B Datasheet
423Kb / 3P
   3 Amp Low VF Schottky Rectifier 40~100 Volts
logo
Galaxy Semi-Conductor H...
SL310B BILIN-SL310B Datasheet
598Kb / 4P
   Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SL310B CHENDA-SL310B Datasheet
988Kb / 3P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results

Similar Description - SL310BF

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SL510BF CHENDA-SL510BF Datasheet
861Kb / 2P
   100 Volts Forward Current -
SL210BF CHENDA-SL210BF Datasheet
881Kb / 2P
   100 Volts Forward Current -
B16WS CHENDA-B16WS Datasheet
630Kb / 2P
   60 Volts Forward Current - 1.0 Ampere
logo
Rectron Semiconductor
KSLDB3100S RECTRON-KSLDB3100S Datasheet
136Kb / 8P
   VOLTAGE 100 Volts CURRENT 3.0 Ampere SCHOTTKY BARRIER RECTIFIER
2018-09 REV:O
logo
First Silicon Co., Ltd
SB520 FS-SB520 Datasheet
321Kb / 2P
   Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
ABS34 FS-ABS34 Datasheet
283Kb / 2P
   Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 3.0 Ampere
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Microdiode Electronics ...
MBRF820 CHENDA-MBRF820 Datasheet
622Kb / 2P
   20 to 100 Volts Forward Current -
MBR2020CT CHENDA-MBR2020CT Datasheet
621Kb / 2P
   20 to 100 Volts Forward Current -
logo
Continental Device Indi...
ER300 CDIL-ER300 Datasheet
483Kb / 2P
   VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com