Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # 5.0SMDJ
Description  5.0-170 Volts Peak pulse power: 5000 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

5.0SMDJ Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  5.0SMDJ Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 5.0SMDJ Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. 5.0SMDJ Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (TA=25℃
)
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage
V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(μA)
Agency
Approval
UNI
BI
MIN
MAX
5.0SMDJ12A 5.0SMDJ12CA
5PEP
5BEP
12.0
13.30
14.70
10
19.9
252.00
800
X
5.0SMDJ13A 5.0SMDJ13CA
5PEQ
5BEQ
13.0
14.40
15.90
10
21.5
233.00
500
X
5.0SMDJ14A 5.0SMDJ14CA
5PER
5BER
14.0
15.60
17.20
10
23.2
216.00
200
X
5.0SMDJ15A 5.0SMDJ15CA
5PES
5BES
15.0
16.70
18.50
1
24.4
205.00
100
X
5.0SMDJ16A 5.0SMDJ16CA
5PET
5BET
16.0
17.80
19.70
1
26.0
193.00
50
X
5.0SMDJ17A
5.0SMDJ17CA
5PEU
5BEU
17.0
18.90
20.90
1
27.6
181.00
20
X
5.0SMDJ18A 5.0SMDJ18CA
5PEV
5BEV
18.0
20.00
22.10
1
29.2
172.00
10
X
5.0SMDJ20A 5.0SMDJ20CA
5PEW
5BEW
20.0
22.20
24.50
1
32.4
155.00
5
X
5.0SMDJ22A 5.0SMDJ22CA
5PEX
5BEX
22.0
24.40
26.90
1
35.5
141.00
5
X
5.0SMDJ24A 5.0SMDJ24CA
5PEZ
5BEZ
24.0
26.70
29.50
1
38.9
129.00
5
X
5.0SMDJ26A 5.0SMDJ26CA
5PFE
5BFE
26.0
28.90
31.90
1
42.1
119.00
5
X
5.0SMDJ28A 5.0SMDJ28CA
5PFG
5BFG
28.0
31.10
34.40
1
45.4
110.00
5
X
5.0SMDJ30A 5.0SMDJ30CA
5PFK
5BFK
30.0
33.30
36.80
1
48.4
103.00
5
X
5.0SMDJ33A 5.0SMDJ33CA
5PFM
5BFM
33.0
36.70
40.60
1
53.3
93.90
5
X
5.0SMDJ36A 5.0SMDJ36CA
5PFP
5BFP
36.0
40.00
44.20
1
58.1
86.10
5
X
5.0SMDJ40A 5.0SMDJ40CA
5PFR
5BFR
40.0
44.40
49.10
1
64.5
77.60
5
X
5.0SMDJ43A 5.0SMDJ43CA
5PFT
5BFT
43.0
47.80
52.80
1
69.4
72.10
5
X
5.0SMDJ45A 5.0SMDJ45CA
5PFV
5BFV
45.0
50.00
55.30
1
72.7
68.80
5
X
5.0SMDJ48A
-
5PFX
-
48.0
53.30
58.90
1
77.4
64.70
5
X
5.0SMDJ51A
-
5PFZ
-
51.0
56.70
62.70
1
82.4
60.70
5
X
5.0SMDJ54A
-
5RGE
-
54.0
60.00
66.30
1
87.1
57.50
5
X
5.0SMDJ58A
-
5PGG
-
58.0
64.40
71.20
1
93.6
53.50
5
X
5.0SMDJ60A
-
5PGK
-
60.0
66.70
73.70
1
96.8
51.70
5
X
5.0SMDJ64A
-
5PGM
-
64.0
71.10
78.60
1
103.0
48.60
5
X
5.0SMDJ70A
-
5PGP
-
70.0
77.80
86.00
1
113.0
44.30
5
X
5.0SMDJ75A
-
5PGR
-
75.0
83.30
92.10
1
121.0
41.40
5
X
5.0SMDJ78A
-
5PGT
-
78.0
86.70
95.80
1
126.0
39.70
5
X
5.0SMDJ85A
-
5PGV
-
85.0
94.40
104.00
1
137.0
36.50
5
X
5.0SMDJ90A
-
5PGX
-
90.0
100.00
111.00
1
146.0
34.30
5
X
5.0SMDJ100A
-
5PGZ
-
100.0
111.00
123.00
1
162.0
30.90
5
X
5.0SMDJ110A
-
5PHE
-
110.0
122.00
135.00
1
177.0
28.30
5
X
5.0SMDJ120A
-
5PHG
-
120.0
133.00
147.00
1
193.0
26.00
5
X
5.0SMDJ130A
-
5PHK
-
130.0
144.00
159.00
1
209.0
24.00
5
X
5.0SMDJ150A
-
5PHM
-
150.0
167.00
185.00
1
243.0
20.60
5
X
5.0SMDJ160A
-
5PHP
-
160.0
178.00
197.00
1
259.0
19.30
5
X
5.0SMDJ170A
-
5PHR
-
170.0
189.00
209.00
1
275.0
18.20
5
X
For Bidirectional type having V
R of 20 volts and less,the IR limit is double.


Similar Part No. - 5.0SMDJ

ManufacturerPart #DatasheetDescription
logo
StarHope
5.0SMDJ SPSEMI-5.0SMDJ Datasheet
551Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 11 TO 170 Volts
logo
Anova Technologies CO.,...
5.0SMDJ ANOVA-5.0SMDJ Datasheet
289Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Goodwork Semiconductor ...
5.0SMDJ GWSEMI-5.0SMDJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
5.0SMDJ LUGUANG-5.0SMDJ Datasheet
2Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
PACELEADER INDUSTRIAL
5.0SMDJ PACELEADER-5.0SMDJ Datasheet
345Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5.0SMDJ

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SMDJ CHENDA-SMDJ Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
P4SMAFJ8.5A CHENDA-P4SMAFJ8.5A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Chenmko Enterprise Co. ...
5KP CHENMKO-5KP Datasheet
106Kb / 4P
   VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Pan Jit International I...
5.0SMCJ PANJIT-5.0SMCJ Datasheet
158Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
5.0SMCJ_SERIES PANJIT-5.0SMCJ_SERIES_14 Datasheet
153Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com