Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV256-15TI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IS61LV256-15TI
Description  32K X 8 LOW VOLTAGE CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV256-15TI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IS61LV256-15TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV256-15TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV256-15TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV256-15TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV256-15TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV256-15TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV256-15TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV256-15TI Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IS61LV256
4
Integrated Circuit Solution Inc.
SR004-0D
AC TEST LOADS
.igure 1.
.igure 2.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and .all Times
3 ns
Input and Output Timing
1.5V
and Reference Levels
Output Load
See .igures 1 and 2
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
-20 ns
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
8
—
10 —
12 —
15 —
20 —
ns
tAA
Address Access Time
—
8
— 10
— 12
— 15
— 20
ns
tOHA
Output Hold Time
2
—
2
—
2
—
2
—
2
—
ns
tACE
CE Access Time
—
8
— 10
— 12
— 15
— 20
ns
tDOE
OE Access Time
—
4
—
5
—
6
—
7
—
8
ns
tLZOE  OE to Low-Z Output
0
—
0
—
0
—
0
—
0
—
ns
tHZOE  OE to High-Z Output
—
4
—
5
—
5
—
6
—
6
ns
tLZCE  CE to Low-Z Output
3
—
3
—
3
—
3
—
3
—
ns
tHZCE  CE to High-Z Output
—
4
—
5
—
6
—
7
—
7
ns
tPU!
CE to Power-Up
0
—
0
—
0
—
0
—
0
—
ns
tPD"
CE to Power-Down
—
8
— 10
— 12
— 15
— 20
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse
levels of 0 to 3.0V and output loading specified in .igure 1.
2. Tested with the load in .igure 2. Transition is measured ±200 mV from steady-state voltage. Not 100%
tested.
3. Not 100% tested.
319
30 pF
Including
jig and
scope
353
OUTPUT
3.3V
319
5 pF
Including
jig and
scope
353
OUTPUT
3.3V


Similar Part No. - IS61LV256-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV256-15T ISSI-IS61LV256-15T Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV256-15TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com