Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBJ25A Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part No. GBJ25A
Description  25A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Homepage  http://www.senocn.com/en/index.html
Logo 

GBJ25A Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics (p
F
er element)
2.0
100
Pulse width = 300µs
T = 25°C
j
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
T = 25°C
j
Single half-sine-wave
(JEDEC method)
0
100
200
300
400
1
100
1000
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
10
T = 25°C
J
f = 1MHz
0.1
1.0
10
100
1000
020
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T = 150°C
j
T = 125°C
j
T = 100°C
j
T = 25°C
j
0
5
10
15
20
25
30
25
50
75
100
125
150
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
C
Resistive or
Inductive load
with heatsink
without heatsink
www.senocn.com
GBJ25A - GBJ25M
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
GBJ25A - GBJ25M
Alldatasheet


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn