Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBJ25A Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part No. GBJ25A
Description  25A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Homepage  http://www.senocn.com/en/index.html
Logo 

GBJ25A Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics@ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 350A Peak
·
Ideal for Printed Circuit Board Applications
·
Plastic Material - UL Flammability
Classification 94V-0
GBJ25A - GBJ25M
25A GLASS PASSIVATED BRIDGE RECTIFIER
·
Case: Molded Plastic
·
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Molded on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 in-lbs Maximum
·
Weight: 6.6 grams (approx)
·
Marking: Type Number
Mechanical Data
GBJ6
Dim
Min
Max
A
29.70
30.30
B
19.70
20.30
C
17.00
18.00
D
3.80
4.20
E
7.30
7.70
G
9.80
10.20
H
2.00
2.40
I
0.90
1.10
J
2.30
2.70
K
3.0 X 45°
L
4.40
4.80
M
3.40
3.80
N
3.10
3.40
P
2.50
2.90
R
0.60
0.80
S
10.80
11.20
All Dimensions in mm
_
B
C
D
EE
G
H
K
J
I
L
M
N
P
R
S
A
Characteristic
Symbol
GBJ
25A
GBJ
25B
GBJ
25B
GBJ
25G
GBJ
25J
GBJ
25K
GBJ
25M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Output Current
(Note 1)
@ TC = 100°C
IO
25
A
Non-Repetitive Peak Forward Surge Current 8.3 ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
350
A
Forward Voltage (per element)
@ IF = 12.5A
VFM
1.05
V
Peak Reverse Current
@TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IR
10
500
µA
I2t Rating for Fusing (t < 8.3ms) (Note 1)
I2t
510
A2s
Typical Junction Capacitance (per element) (Note 2)
Cj
85
pF
Typical Thermal Resistance Junction to Case (Note 3)
RqJC
0.6
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Non-repetitive, for t > 1ms and < 8.3 ms.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to case per element. Unit mounted on 220 x 220 x 1.6mm aluminum plate heat sink.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
GBJ25A - GBJ25M
1 of 2
·
Lead Free Finish/RoHS Complian
Alldatasheet


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn