Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECV358NNM1R Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # ECV358NNM1R
Description  1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECV358NNM1R Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button ECV358NNM1R Datasheet HTML 2Page - E-CMOS Corporation ECV358NNM1R Datasheet HTML 3Page - E-CMOS Corporation ECV358NNM1R Datasheet HTML 4Page - E-CMOS Corporation ECV358NNM1R Datasheet HTML 5Page - E-CMOS Corporation ECV358NNM1R Datasheet HTML 6Page - E-CMOS Corporation ECV358NNM1R Datasheet HTML 7Page - E-CMOS Corporation ECV358NNM1R Datasheet HTML 8Page - E-CMOS Corporation ECV358NNM1R Datasheet HTML 9Page - E-CMOS Corporation ECV358NNM1R Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
1MHz, 1.8V, CMOS,
Rail-to-Rail Dual Operational Amplifier
ECV358
E-CMOS Corp. (www.ecmos.com.tw)
4A07N-Rev.P001
Page 6 of 13
Low Pass Active Filter
The low pass active filter is shown in Figure 8. The DC gain is defined by
–R2/R1. The filter has a -20dB/decade roll-
off after
its corner frequency ƒ
C=1/(2πR3C1).
Figure 8. Low Pass Active Filter
Sallen-Key 2nd Order Active Low-Pass Filter
ECV358 can be used to form a 2nd order Sallen-Key active low-pass filter as shown in Figure 9. The transfer
function from VIN to VOUT is given by
Where the DC gain is defined by ALP=1+R3/R4, and the corner frequency is given by
The pole quality factor is given by
Let R1=R2=R and C1=C2=C, the corner frequency and the pole quality factor can be simplified as below
And Q=2-R3/R4


Similar Part No. - ECV358NNM1R

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECV30 ECM-ECV30 Datasheet
67Kb / 1P
   VCXO Crystal Oscillator
ECV30H20.0AX ECM-ECV30H20.0AX Datasheet
67Kb / 1P
   VCXO Crystal Oscillator
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV321NNB2R E-CMOS-ECV321NNB2R Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV321NNM1R E-CMOS-ECV321NNM1R Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
More results

Similar Description - ECV358NNM1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
TECH PUBLIC Electronics...
TPNCS20082DMR2G TECHPUBLIC-TPNCS20082DMR2G Datasheet
3Mb / 13P
   1MHz,Low Power,1.8V,CMOS, Rail toRail Dual Operational Amplifier
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5758 E-CMOS-EC5758 Datasheet
812Kb / 12P
   1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
   Rail-to-rail CMOS dual operational amplifier
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com