Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECT25S80LM1CR Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # ECT25S80LM1CR
Description  8M BIT SPI NOR FLASH
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S80LM1CR Datasheet(HTML) 4 Page - E-CMOS Corporation

  ECT25S80LM1CR Datasheet HTML 1Page - E-CMOS Corporation ECT25S80LM1CR Datasheet HTML 2Page - E-CMOS Corporation ECT25S80LM1CR Datasheet HTML 3Page - E-CMOS Corporation ECT25S80LM1CR Datasheet HTML 4Page - E-CMOS Corporation ECT25S80LM1CR Datasheet HTML 5Page - E-CMOS Corporation ECT25S80LM1CR Datasheet HTML 6Page - E-CMOS Corporation ECT25S80LM1CR Datasheet HTML 7Page - E-CMOS Corporation ECT25S80LM1CR Datasheet HTML 8Page - E-CMOS Corporation ECT25S80LM1CR Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 45
5B16N-Rev.F001
ECT25S80
8M BIT SPI NOR FLASH
Serial Clock (SCLK)
This input signal provides the synchronization reference for the SPI interface. Instructions, addresses, or data
Input are latched on the rising edge of the SCLK signal. Data output changes after the falling edge of SCLK.
Serial Input (SI)/IO0
This input signal is used to transfer data serially into the device. It receives instructions, addresses,
and data to be programmed. Values are latched on the rising edge of serial SCK clock signal.
SI becomes IO0 an input and output during Dual and Quad Instructions for receiving instructions,
addresses, and data to be programmed (values latched on rising edge of serial SCK clock signal)
as well as shifting out data (on the falling edge of SCK).
Serial Data Output (SO)/IO1
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling
edge of the serial SCK clock signal.
SO becomes IO1 an input and output during Dual and Quad Instructions for receiving instructions,
addresses, and data to be programmed (values latched on rising edge of serial SCK clock signal)
as well as shifting out data (on the falling edge of SCK).
Write Protect (/WP)/IO2
When /WP is driven Low (VIL), while the Status Register Protect bits (SRP1andSRP0) of the status
Registers (SR2[0] and SR1[7]) are set to 0 and 1 respectively, it is not possible to write to the status
Registers. This prevents any alteration of the Status Registers. As a consequence, all the data bytes
in the memory area that are protected by the Block Protect, TB, SEC, and CMP bits in the status registers,
are also hardware protected against data modification while /WP remains Low. The /WP function is not available
when the Quad mode is enabled (QE) in Status Register 2 (SR2[1]=1).
The /WP function is replaced by IO2 for input and output during Quad mode for receiving addresses, and data to
be programmed (values are latched on rising edge of the SCK signal) as well as shifting out data (on the falling
edge of SCK). /WP has an internal pull-up resistance; when unconnected; /WP is at VIH and may be left
unconnected in the host system if not used for Quad mode.
HOLD (/HOLD)/IO3
The /HOLD signal goes low to stop any serial communications with the device,
but doesn’t stop the operation of
wire staus register, programming, or erasing in progress.
The operation of HOLD,need /CS keep low, and starts on falling edge of the /HOLD signal, with SCLK signal
being low(if SCLK is not being low, HOLD operation will not start until SCLK being low). The HOLD condition
ends on rising edge of /HOLD signal with SCLK being low (If SCLK is not being low, HOLD operation will not end
until SCLK being low).
The Hold condition starts on the falling edge of the Hold (/HOLD) signal, provided that this coincides with SCK
being at the logic low state. If the falling edge does not coincide with the SCK signal being at the logic low state,
the Hold condition starts whenever the SCK signal reaches the logic low state.Taking the /HOLD signal to the
logic low state does not terminate any Write, Program or Erase operation that is currently in progress.
VCC Power Supply


Similar Part No. - ECT25S80LM1CR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECT25S16 E-CMOS-ECT25S16 Datasheet
2Mb / 45P
   16M BIT SPI NOR FLASH
ECT25S32 E-CMOS-ECT25S32 Datasheet
2Mb / 44P
   32M BIT SPI NOR FLASH
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
   4M BIT SPI NOR FLASH
ECT25S40LE1CR E-CMOS-ECT25S40LE1CR Datasheet
2Mb / 46P
   4M BIT SPI NOR FLASH
ECT25S40LM1CR E-CMOS-ECT25S40LM1CR Datasheet
2Mb / 46P
   4M BIT SPI NOR FLASH
More results

Similar Description - ECT25S80LM1CR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
   8M BIT SPI NOR FLASH
VER 1.1
ACE25QC800G ACE-ACE25QC800G Datasheet
2Mb / 58P
   8M BIT SPI NOR FLASH
VER 1.2
logo
AiT Semiconductor Inc.
A25D80 AITSEMI-A25D80 Datasheet
2Mb / 34P
   MEMORY SPI NOR FLASH 8M BIT
REV1.0
logo
ACE Technology Co., LTD...
ACE25Q800G ACE-ACE25Q800G Datasheet
1Mb / 47P
   8M BIT SPI NOR FLASH Memory Series
VER 1.1
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
   16M BIT SPI NOR FLASH
VER 1.1
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
   4M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
   64M BIT SPI NOR FLASH
VER 1.1
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
   128M BIT SPI NOR FLASH
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com