Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECV321 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # ECV321
Description  1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECV321 Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button ECV321 Datasheet HTML 4Page - E-CMOS Corporation ECV321 Datasheet HTML 5Page - E-CMOS Corporation ECV321 Datasheet HTML 6Page - E-CMOS Corporation ECV321 Datasheet HTML 7Page - E-CMOS Corporation ECV321 Datasheet HTML 8Page - E-CMOS Corporation ECV321 Datasheet HTML 9Page - E-CMOS Corporation ECV321 Datasheet HTML 10Page - E-CMOS Corporation ECV321 Datasheet HTML 11Page - E-CMOS Corporation ECV321 Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1MHz, 1.8V, CMOS,
Rail-to-Rail Operational Amplifier
ECV321
E-CMOS Corp. (www.ecmos.com.tw)
5A15N-Rev.F002
Page 8 of 13
Electrical Characteristics
Absolute Maximum Ratings
Condition
Min
Max
Power Supply Voltage (VDD to Vss)
-0.5V
+7V
Analog Input Voltage (IN+ or IN-)
Vss-0.5V
VDD+0.5V
PDB Input Voltage
Vss-0.5V
+7V
Operating Temperature Range
-40°C
+125°C
Junction Temperature
+150°C
Storage Temperature Range
-65°C
+150°C
Lead Temperature (soldering, 10sec)
+300°C
Package Thermal Resistance (TA=+25°C )
SOT23-5L, θJA
190°C
SOP-8L, θJA
130°C
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions outside
those indicated in the operational sections of this specification are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.


Similar Part No. - ECV321

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECV30 ECM-ECV30 Datasheet
67Kb / 1P
   VCXO Crystal Oscillator
ECV30H20.0AX ECM-ECV30H20.0AX Datasheet
67Kb / 1P
   VCXO Crystal Oscillator
logo
E-CMOS Corporation
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
ECV358NNM1R E-CMOS-ECV358NNM1R Datasheet
798Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
ECV358NNR1R E-CMOS-ECV358NNR1R Datasheet
798Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
More results

Similar Description - ECV321

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
   1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
   1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
logo
TECH PUBLIC Electronics...
TPNCS20082DMR2G TECHPUBLIC-TPNCS20082DMR2G Datasheet
3Mb / 13P
   1MHz,Low Power,1.8V,CMOS, Rail toRail Dual Operational Amplifier
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com