Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB220A Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # P6SMB220A
Description  6.8-550 Volts Peak pulse power: 600 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

P6SMB220A Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  P6SMB220A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P6SMB220A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P6SMB220A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P6SMB220A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P6SMB Series
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage: 6.8-550 Volts
Peak pulse power: 600 Watts
FEATURE
Description
MAXIMUM RATINGS AND CHARACTERISTICS
APPLICATIONS
PPPM
600
Watts
PM(AV)
5.0
Watts
IFSM
100
Amps
TJ,TSTG
-65 to +150
RθJL
20
/W
RθJA
100
/W
Ratings at 25℃ ambient temperature unless otherwise specified.
SMB/DO-214AA
0.071 (1.80)
0.087 (2.20)
Dimensions in inches and (millimeters)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.205(5.21)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.44)
0.084(2.13)
The P6SMB series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
applications to optimize
board space
temperature coefficient
ΔV
BR = 0.1% x VBR@25°C x ΔT
junction
capability at 10×1000μs
waveform, repetition rate
(duty cycles):0.01%
typically less than 1.0ps
from 0V to BV min
capability
resistance
R less than 1μA
above 12V
soldering guaranteed:
260°C/40 seconds at
terminals
Underwriters Laboratory
Flammability 94V-O
TVS devices are ideal for the protection of I/O Interfaces, bus and other vulnerable circuits used in Telecom,
Computer, Industrial and Consumer electronic applications.
Maximum Instantaneous ForwardVoltage at 50A for Unidirectionalonly (Note 4)
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above T
A = 25
O
C per Fig. 2.
2. Mounted on copper pad area of 0.2x0.2” (5.0 x 5.0mm) to each terminal.
3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional
device only,duty cycle=4 per minute maximum.
4. V
F<3.5V for VBR _
<
200V and V
F<5.0V for VBR _
>
201V.
Peak Pulse Power Dissipation at T
A=25ºC by 10x1000μs waveform
(Fig.1)(Note 1), (Note 2)
Power Dissipation on infinite heat sink at T =50OC
A
Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3)
VF
3.5V/5.0
V
Operating Junction and Storage Temperature Range
Typical Thermal Resistance Junction to Lead
Typical Thermal Resistance Junction to Ambient


Similar Part No. - P6SMB220A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB220A VISHAY-P6SMB220A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Taiwan Semiconductor Co...
P6SMB220A TSC-P6SMB220A Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Bourns Electronic Solut...
P6SMB220A BOURNS-P6SMB220A Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
EIC discrete Semiconduc...
P6SMB220A EIC-P6SMB220A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB220A LUGUANG-P6SMB220A Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
More results

Similar Description - P6SMB220A

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1.5KE WILLAS-1.5KE Datasheet
670Kb / 4P
   REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
logo
Microdiode Electronics ...
P6KE6.8 CHENDA-P6KE6.8 Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
Microdiode Electronics ...
5.0SMDJ CHENDA-5.0SMDJ Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
P4SMAFJ8.5A CHENDA-P4SMAFJ8.5A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
SMDJ CHENDA-SMDJ Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE12CA-TP MCC-SMBJP6KE12CA-TP Datasheet
426Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com