Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAFJ110A Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # P4SMAFJ110A
Description  8.5-170 Volts Peak pulse power: 400 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

P4SMAFJ110A Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  P4SMAFJ110A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P4SMAFJ110A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P4SMAFJ110A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (TA=25℃
)
Type
Marking
Reverse
Stand-off
Voltage
Breakdown
Voltage
VRMW
VBR @ I
T
Min
Max
V
V
V
Test
Current
Reverse
Leakage
Max. Clamp
Voltage
Peak Pulse
Current
I
T
mA
μA
IR @ V
RWM
VC @ I
PP
I
PP
V
A
9.0
10
11
13
14
15
16
17
18
20
22
24
26
28
30
33
36
40
43
45
12
48
8.5
70
75
78
90
100
110
120
130
150
160
170
85
54
58
60
64
51
P4SMAFJ8.5A
P4SMAFJ9.0A
P4SMAFJ10A
P4SMAFJ11A
P4SMAFJ12A
P4SMAFJ13A
P4SMAFJ14A
P4SMAFJ15A
P4SMAFJ16A
P4SMAFJ17A
P4SMAFJ18A
P4SMAFJ20A
P4SMAFJ22A
P4SMAFJ24A
P4SMAFJ26A
P4SMAFJ28A
P4SMAFJ30A
P4SMAFJ33A
P4SMAFJ36A
P4SMAFJ40A
P4SMAFJ43A
P4SMAFJ45A
P4SMAFJ48A
P4SMAFJ51A
P4SMAFJ54A
P4SMAFJ58A
P4SMAFJ60A
P4SMAFJ64A
P4SMAFJ70A
P4SMAFJ75A
P4SMAFJ78A
P4SMAFJ85A
P4SMAFJ90A
P4SMAFJ100A
P4SMAFJ110A
P4SMAFJ120A
P4SMAFJ130A
P4SMAFJ150A
P4SMAFJ160A
P4SMAFJ170A
HV
HX
HZ
IG
IK
IM
IP
IR
IT
IV
IX
IZ
JE
JG
JK
JM
JP
JR
JT
JV
IE
JX
HT
RR
RT
RV
RZ
SE
SG
SK
SM
SP
SR
RX
RG
RK
RM
RP
JZ
RE
10
11.1
12.2
14.4
15.6
16.7
17.8
18.9
20
22.2
24.4
26.7
28.9
31.1
33.3
36.7
40
44.4
47.8
50
13.3
53.3
11.5
12.8
14
16.5
17.9
19.2
20.5
21.7
23.3
25.5
28
30.7
33.2
35.8
38.3
42.2
46
51.1
54.9
57.5
15.3
61.3
9.44
10.82
89.5
95.8
99.7
116
128
141
153
166
193
205
218
108
60
69
74.1
76.7
81.8
56.7
65.2
77.8
83.3
86.7
100
111
122
133
144
167
178
189
94.4
64.4
66.7
71.1
5
5
17
18.2
21.5
23.2
24.4
27.6
29.2
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
72.7
19.9
77.4
1
10
14.4
113
121
126
146
162
177
193
209
243
259
275
137
87.1
93.6
96.8
103
82.4
26
23.5
22
18.6
17.2
16.4
15.3
14.5
13.7
12.3
11.2
10.3
9.5
8.8
8.3
7.5
6.9
6.2
5.7
5.5
20.1
5.2
27.7
4.6
4.9
3.5
3.3
2.2
2.7
2.5
2.3
2
1.9
1.6
1.5
1.4
2.9
4.3
4.1
3.9
15.4
26
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1


Similar Part No. - P4SMAFJ110A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAFJ110A PANJIT-P4SMAFJ110A Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ110A YFWDIODE-P4SMAFJ110A Datasheet
127Kb / 3P
   Surface mounttransient voltage suppressor power 400 watts
P4SMAFJ110A YFWDIODE-P4SMAFJ110A Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
SUNMATE electronic Co.,...
P4SMAFJ110A SUNMATE-P4SMAFJ110A Datasheet
741Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ110A YFWDIODE-P4SMAFJ110A Datasheet
555Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
More results

Similar Description - P4SMAFJ110A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SMDJ CHENDA-SMDJ Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
5.0SMDJ CHENDA-5.0SMDJ Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
logo
Jinan Jing Heng Electro...
P4KE6.8A JINGHENG-P4KE6.8A Datasheet
186Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 400 Watts
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
logo
Surge Components
SES5VD923-2U SURGE-SES5VD923-2U Datasheet
317Kb / 6P
   100 Watts peak pulse power
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
   350 Watts peak pulse power
logo
Nanjing International G...
ES5VD923 DGNJDZ-ES5VD923 Datasheet
677Kb / 4P
   100 Watts peak pulse power
logo
Surge Components
SES12VD923-2U SURGE-SES12VD923-2U Datasheet
276Kb / 5P
   140 Watts peak pulse power
SES5VD923-2B SURGE-SES5VD923-2B Datasheet
289Kb / 4P
   100 Watts peak pulse power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com