Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEME3100KA5N00 Datasheet(PDF) 1 Page - Kemet Corporation

Part # LDEME3100KA5N00
Description  Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.1 uF, 10%, 400 V, 160 V, 125C, 2824, 5.4mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEME3100KA5N00 Datasheet(HTML) 1 Page - Kemet Corporation

  LDEME3100KA5N00 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 9c187c59-d13a-453d-8e17-ff13b89be2d0
KEMET Part Number: LDEME3100KA5N00
(DEME3100KA5N00)
Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.1 uF, 10%, 400 V, 160 V, 125C, 2824, 5.4mm
Dimensions
Chip Size
2824
L
7.3mm +/-0.4mm
W
6.1mm +/-0.4mm
T
5.4mm MAX
B
0.5mm +0.5/-0.3mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 1500
General Information
Dielectric: Metallized PEN Stacked
Style: SMD Chip
Series: LDE
RoHS: Yes
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 400 VDC
Voltage AC: 160 V
Temperature Range: -55/+125C
Rated Temperature: 125C
Dissipation Factor: 0.8% 1kHz
Insulation Resistance: 1 GOhms
Max dVdt: 100 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - LDEME3100KA5N00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEME3100 ETC1-LDEME3100 Datasheet
499Kb / 8P
   PEN-PET H.T
logo
Kemet Corporation
LDEME3100JA5N00 KEMET-LDEME3100JA5N00 Datasheet
62Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.1 uF, 5%, 160 VAC, 400 VDC, 125C, 2824, 5.4mm
More results

Similar Description - LDEME3100KA5N00

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDEME3100JA5N00 KEMET-LDEME3100JA5N00 Datasheet
62Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.1 uF, 5%, 160 VAC, 400 VDC, 125C, 2824, 5.4mm
LDEEE4100KA0N00 KEMET-LDEEE4100KA0N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 1 uF, 10%, 100 V, 63 V, 125C, 2824, 5.4mm
LDEIE3100KA5N00 KEMET-LDEIE3100KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.1 uF, 10%, 250 V, 120 V, 125C, 2824, 2.9mm
LDEMD2470KA5N00 KEMET-LDEMD2470KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.047 uF, 10%, 400 V, 160 V, 125C, 2220, 4.4mm
LDEMD2330KA5N00 KEMET-LDEMD2330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.033 uF, 10%, 400 V, 160 V, 125C, 2220, 3.4mm
LDEMD2150KA5N00 KEMET-LDEMD2150KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.015 uF, 10%, 400 V, 160 V, 125C, 2220, 2.1mm
LDEMD2220KA5N00 KEMET-LDEMD2220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.022 uF, 10%, 400 V, 160 V, 125C, 2220, 2.5mm
LDEQE2100KA5N00 KEMET-LDEQE2100KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.01 uF, 10%, 1,000 V, 250 V, 125C, 2824, 3.4mm
LDEDE4150KA0N00 KEMET-LDEDE4150KA0N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 1.5 uF, 10%, 63 V, 40 V, 125C, 2824, 4.3mm
LDEPE2270KA5N00 KEMET-LDEPE2270KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.027 uF, 10%, 630 V, 200 V, 125C, 2824, 4mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com