Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74436410470 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74436410470
Description  WE-HCF SMD High Current Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74436410470 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74436410470 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74436410470 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74436410470 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74436410470 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74436410470 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
28,0 max.
4,0 ±0,2
10,15 ±0,5
3,0 ±0,3
Pin 3 is only used for stability.
1
2
3,8 min.
Scale - 1:1
Marking
Article number/Date code (YYWW)
Product Marking:
Recommended Land Pattern: [mm]
10,15
5,33
6,35
1
2
3
Scale - 1:1
Schematic:
1
2
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 10 mA
L
4.7
µH
±15%
Rated Current
ΔT = 50 K
IR
36
A
max.
Saturation Current
|ΔL/L| < 30 %
ISAT
44
A
typ.
DC Resistance
@ 20 °C
RDC
1.31
±10%
Self Resonant Frequency
fres
21.56
MHz
typ.
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +75 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20°C up to +40°C, 75% RH max.
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
ElGa
DIN ISO 2768-1m
DESCRIPTION
WE-HCF SMD High Current
Inductor
ORDER CODE
74436410470
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
2815
001.001
Valid
2017-02-13
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74436410470

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74436410470 WURTH-74436410470 Datasheet
726Kb / 8P
   WE-HCF SMT High Current Inductor
004.000
74436410470 WURTH-74436410470_V01 Datasheet
726Kb / 8P
   WE-HCF SMT High Current Inductor
004.000
More results

Similar Description - 74436410470

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443641500 WURTH-7443641500 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
7443630700 WURTH-7443630700_14 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
7443642200 WURTH-7443642200 Datasheet
288Kb / 5P
   WE-HCF SMD High Current Inductor
7443643300 WURTH-7443643300 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
74436411000 WURTH-74436411000 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
74436413300 WURTH-74436413300 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
7443640470 WURTH-7443640470 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
74436412200 WURTH-74436412200 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
7443641000 WURTH-7443641000 Datasheet
1Mb / 6P
   WE-HCF SMD High Current Inductor
74436410330 WURTH-74436410330 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
74436411500 WURTH-74436411500 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
001.000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com