Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MSB Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-MSB
Description  SIN/COS SIGNAL CONDITIONER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-MSB_17 Datasheet HTML 4Page - IC-Haus GmbH IC-MSB_17 Datasheet HTML 5Page - IC-Haus GmbH IC-MSB_17 Datasheet HTML 6Page - IC-Haus GmbH IC-MSB_17 Datasheet HTML 7Page - IC-Haus GmbH IC-MSB_17 Datasheet HTML 8Page - IC-Haus GmbH IC-MSB_17 Datasheet HTML 9Page - IC-Haus GmbH IC-MSB_17 Datasheet HTML 10Page - IC-Haus GmbH IC-MSB_17 Datasheet HTML 11Page - IC-Haus GmbH IC-MSB_17 Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev F3, Page 8/32
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 4.3...5.5 V, Tj = -40...140 °C, IBN calibrated to 200 µA, reference point GNDS, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 VDD
Permissible Supply Voltage VDD
versus GND
Load current I(VDDS) < -10 mA
4.3
5.5
V
4.5
5.5
V
002 I(VDD)
Supply Current in VDD to GND
Tj = 27 °C, no load
25
50
mA
003 I(VDDS)
Permissible Load Current VDDS
-20
0
mA
004 Vcz()hi
Clamp Voltage hi at all pins
11
V
005 Vc()hi
Clamp Voltage hi at inputs
SCL, SDA
Vc()hi = V() − V(VDDS), I() = 1 mA
0.4
1.5
V
006 Vc()hi
Clamp Voltage hi at inputs
X1...X6
Vc()hi = V() − V(VDDS), I() = 4 mA
0.3
1.2
V
007 Vc()lo
Clamp Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
008 Irev(VDD) Reverse-Polarity Current VDD vs.
GND
V(VDD) = −5.5 V...−4.3 V
-1
1
mA
Signal Conditioning, Inputs X3...X6
101 Vin()sig
Permissible Input Voltage Range RIN12(3:0) = 0x01
0.75
VDDS
1.5
V
RIN12(3:0) = 0x09, BIAS12 = 1
0
VDDS
V
RIN12(3:0) = 0x09, BIAS12 = 0
0
VDDS
1.5
V
102 Iin()sig
Permissible Input Current Range RIN12(0) = 0, BIAS12 = 0
-300
-10
µA
RIN12(0) = 0, BIAS12 = 1
10
300
µA
103 Iin()
Input Current
RIN12(3:0) = 0x01
-10
10
µA
104 Rin()
Input Resistance vs. VREFin
Tj = 27 °C;
RIN12(3:0) = 0x09
16
20
24
kΩ
RIN12(3:0) = 0x00
1.1
1.6
2.1
kΩ
RIN12(3:0) = 0x02
1.6
2.3
3.0
kΩ
RIN12(3:0) = 0x04
2.2
3.2
4.2
kΩ
RIN12(3:0) = 0x06
3.2
4.6
6.0
kΩ
105 TCRin()
Temperature Coefficient Rin
0.15
%/K
106 VREFin12 Reference Voltage
RIN12(0) = 0, BIAS12 = 1
1.35
1.5
1.65
V
RIN12(0) = 0, BIAS12 = 0
2.25
2.5
2.75
V
107 G12
Selectable Gain Factors
RIN12(3:0) = 0x01, GR12, GF1, GF2 = 0x0
2
RIN12(3:0) = 0x01, GR12, GF1, GF2 = max.
100
RIN12(3:0) = 0x09, GR12, GF1, GF2 = 0x0
0.5
RIN12(3:0) = 0x09, GR12, GF1, GF2 = max.
25
108 ∆Gdiff
Differential Gain Accuracy
calibration range 11 bit
-0.5
0.5
LSB
109 ∆Gabs
Absolute Gain Accuracy
calibration range 11 bit, guaranteed monotony
-1
1
LSB
110 Vin()diff
Recommended Differential Input
Voltage
Vin()diff = V(CHPx) − V(CHNx);
RIN12(3) = 0
10
500
mVpp
RIN12(3) = 1
40
2000
mVpp
111
Vin()os
Input Offset Voltage
refered to side of input
0
20
µV
112 VOScal
Offset Calibration Range
referenced to the selected source (VOS12);
ORx = 00
±100
%V()
ORx = 01
±200
%V()
ORx = 10
±600
%V()
ORx = 11
±1200
%V()
113 ∆VOSdiff
Differential Linearity Error of
Offset Correction
calibration range 11 bit
-0.5
0.5
LSB
114 ∆VOSint
Integral Linearity Error of Offset
Correction
calibration range 11 bit
-1
1
LSB
115 PHIkorr
Phase Error Calibration Range
CH1 versus CH2
±10.4
°
116 ∆PHIdiff
Differential Linearity Error of
Phase Calibration
calibration range 10 bit
-0.5
0.5
LSB
117 ∆PHIint
Integral Linearity Error of Phase
Calibration
calibration range 10 bit
-1
1
LSB
119 fin()max
Permissible Input Frequency
500
kHz


Similar Part No. - IC-MSB_17

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MSB2 ICHAUS-IC-MSB2 Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-MSB2EVALMSB1D ICHAUS-IC-MSB2EVALMSB1D Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-MSB2TSSOP20 ICHAUS-IC-MSB2TSSOP20 Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-MSBEVALMSB1D ICHAUS-IC-MSBEVALMSB1D Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-MSBTSSOP20 ICHAUS-IC-MSBTSSOP20 Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
More results

Similar Description - IC-MSB_17

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MSB ICHAUS-IC-MSB Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-MSA ICHAUS-IC-MSA Datasheet
718Kb / 29P
   SIN/COS SIGNAL CONDITIONER with AGC and 1Vpp DRIVER
IC-MSC ICHAUS-IC-MSC Datasheet
1Mb / 35P
   SIN/COS SIGNAL CONDITIONER WITH FAIL-SAFE 1 Vpp LINE DRIVER
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
   10-BIT SIN/COS INTERPOLATOR
IC-TW8 ICHAUS-IC-TW8_16 Datasheet
1Mb / 67P
   16-BIT SIN/COS INTERPOLATOR
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com