Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-SD85 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-SD85
Description  Infrared LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SD85 Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-SD85_14 Datasheet HTML 1Page - IC-Haus GmbH IC-SD85_14 Datasheet HTML 2Page - IC-Haus GmbH IC-SD85_14 Datasheet HTML 3Page - IC-Haus GmbH IC-SD85_14 Datasheet HTML 4Page - IC-Haus GmbH IC-SD85_14 Datasheet HTML 5Page - IC-Haus GmbH IC-SD85_14 Datasheet HTML 6Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
iC-SD85 BLCC SD1C
Infrared LED
Rev B4, Page 4/6
SAFETY ADVICES
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye.
Products which incorporate these devices have to fol-
low the safety precautions given in IEC 60825-1 and
IEC 62471.
HANDLING ADVICES
Because of the specific housing materials and geome-
tries used, these LED devices are sensitive to rough
handling or assembly and can thus be easily damaged
or may fail in regard to their electro-optical operation.
Excessive mechanical stress or load on the lens sur-
face or to the glued cap must be avoided.
DESIGN REVIEW: Notes on chip characteristics
iC-SD85 / iC-SD85 Z
No. Chip Design Function, Parameter/Code
Description and Application Hints
1
iC-SD85
initial chip release
see datasheet revision A1
2
iC-SD85 Z
Electrical Characteristics
item 001
item 002
item 004
refined
measurement condition changed
min. / typ. values increased to 1.4 / 2.7 mW
Table 4: Notes on chip functions regarding iC-SD85 / iC-SD85 Z


Similar Part No. - IC-SD85_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-SD85BLCCSD1C ICHAUS-IC-SD85BLCCSD1C Datasheet
190Kb / 4P
   Infrared LED
IC-SD85OLGASD2C-2 ICHAUS-IC-SD85OLGASD2C-2 Datasheet
218Kb / 5P
   Infrared LED
IC-SD85SD1C ICHAUS-IC-SD85SD1C Datasheet
294Kb / 2P
   LIGHT FOR MOTION
IC-SD85SD2C-2 ICHAUS-IC-SD85SD2C-2 Datasheet
294Kb / 2P
   LIGHT FOR MOTION
More results

Similar Description - IC-SD85_14

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com