Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD621-X007 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILD621-X007
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD621-X007 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILD621-X007 Datasheet HTML 1Page - Vishay Siliconix ILD621-X007 Datasheet HTML 2Page - Vishay Siliconix ILD621-X007 Datasheet HTML 3Page - Vishay Siliconix ILD621-X007 Datasheet HTML 4Page - Vishay Siliconix ILD621-X007 Datasheet HTML 5Page - Vishay Siliconix ILD621-X007 Datasheet HTML 6Page - Vishay Siliconix ILD621-X007 Datasheet HTML 7Page - Vishay Siliconix ILD621-X007 Datasheet HTML 8Page - Vishay Siliconix ILD621-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 83654
Rev. 1.3, 19-Apr-04
VISHAY
ILD621/ GB/ ILQ621/ GB
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
Forward current
IF
60 mA
mA
Surge current
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Derate from 25 °C
1.33
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Collector -emitter reverse
voltage
VECO
70
V
Collector current
IC
50
mA
t < 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Derate from 25 °C
- 2.0
mW/°C
Parameter
Test condition
Part
Symbol
Value
Unit
Isolation test voltage
t = 1.0 sec.
VISO
5300
VRMS
Package dissipation
ILD621
400
mW
ILD621GB
400
mW
Derate from 25 °C
5.33
mW/°C
Package dissipation
ILQ621
500
mW
ILQ621GB
500
mW
Derate from 25 °C
6.67
mW/°C
Creepage
≥ 7.0
mm
Clearance
≥ 7.0
mm
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Storage temperature
Tstg
- 55 to +150
°C
Operating temperature
Tamb
- 55 to +100
°C
Junction temperature
Tj
100
°C
Soldering temperature
2.0 mm from case bottom
Tsld
260
°C


Similar Part No. - ILD621-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD621-X007 VISHAY-ILD621-X007 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
ILD621-X007 VISHAY-ILD621-X007 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILD621-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com