Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ621GB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ILQ621GB
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ621GB Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button ILQ621GB Datasheet HTML 2Page - Vishay Siliconix ILQ621GB Datasheet HTML 3Page - Vishay Siliconix ILQ621GB Datasheet HTML 4Page - Vishay Siliconix ILQ621GB Datasheet HTML 5Page - Vishay Siliconix ILQ621GB Datasheet HTML 6Page - Vishay Siliconix ILQ621GB Datasheet HTML 7Page - Vishay Siliconix ILQ621GB Datasheet HTML 8Page - Vishay Siliconix ILQ621GB Datasheet HTML 9Page - Vishay Siliconix ILQ621GB Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number 83654
Rev. 1.3, 19-Apr-04
VISHAY
ILD621/ GB/ ILQ621/ GB
Vishay Semiconductors
Fig. 7 Forward Voltage vs. Forward Current
Fig. 8 Collector-Emitter Current vs. Temperature and LED
Current
Fig. 9 Collector-Emitter Leakage vs. Temperature
iild621_07
IF - Forward Current - mA
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1. 3
1.4
TA =85°C
TA =85°C
TA = 85° C
iild621_08
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50°C
70°C
85°C
IF - LED Current - mA
25°C
40
iild621_09
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
TA - Ambient Temperature - °C
VCE =10V
Typical
Fig. 10 Propagation Delay vs. Collector Load Resistor
Fig. 11 Maximum Detector Power Dissipation
Fig. 12 Maximum Collector Current vs. Collector Voltage
iild621_10
RL - Collector Load Resistor - kΩ
100
10
1
.1
1
10
100
1000
1.0
1.5
2.0
2.5
tPLH
IF =10mA
VCC =5V, Vth=1.5V
tPHL
iild621_11
-60
-40
-20
0
20
40
60
80
100
0
50
100
150
200
TA - Ambient Temperature - °C
iild621_12
.1
10
100
1000
100
10
1
.1
VCE - Collector-Emitter Voltage - V
Rth = 500 °C/W
25 °C
50 °C
75 °C
90 °C
1


Similar Part No. - ILQ621GB

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILQ621GB SIEMENS-ILQ621GB Datasheet
78Kb / 4P
   MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILQ621GB VISHAY-ILQ621GB Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
ILQ621GB VISHAY-ILQ621GB Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ621GB VISHAY-ILQ621GB Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILQ621GB-X006 VISHAY-ILQ621GB-X006 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
More results

Similar Description - ILQ621GB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com