Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR155 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # FR155
Description  1.5A FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

FR155 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  FR155 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd FR155 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR151 – FR157
1.5A FAST RECOVERY DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-15, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
FR151
FR152
FR153
FR154
FR155
FR156
FR157
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 1.5A
VFM
1.2
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
150
250
500
nS
Typical Junction Capacitance (Note 3)
Cj
30
pF
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
FR151 – FR157
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-15
Dim
Min
Max
A
24.5
B
5.50
7.62
C
0.60
0.80
D
2.60
3.60
All Dimensions in mm
Alldatasheet


Similar Part No. - FR155

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR155 WTE-FR155 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
FR155 YIXIN-FR155 Datasheet
252Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
FR155 PFS-FR155 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
Leshan Radio Company
FR155 LRC-FR155 Datasheet
50Kb / 2P
   1.5A FAST RECOVERY DIODES
logo
Taiwan Semiconductor Co...
FR155 TSC-FR155 Datasheet
375Kb / 4P
   Fast Recovery Rectifiers
More results

Similar Description - FR155

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PR1501 ZSELEC-PR1501 Datasheet
135Kb / 2P
   1.5A FAST RECOVERY DIODE
logo
Won-Top Electronics
FR151 WTE-FR151_06 Datasheet
55Kb / 4P
   1.5A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
PR1501G ZSELEC-PR1501G Datasheet
134Kb / 2P
   1.5A GLASS PASSIVATED FAST RECOVERY DIODE
PG150R ZSELEC-PG150R Datasheet
135Kb / 2P
   1.5A GLASS PASSIVATED FAST RECOVERY DIODE
FR151G ZSELEC-FR151G Datasheet
118Kb / 2P
   1.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Fuji Electric
ERC30 FUJI-ERC30 Datasheet
43Kb / 2P
   FAST RECOVERY DIODE( 100 to 200V / 1.5A )
ERD38 FUJI-ERD38 Datasheet
53Kb / 2P
   FAST RECOVERY DIODE( 400 to 600V / 1.5A )
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
   1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
TF151 TAITRON-TF151 Datasheet
132Kb / 4P
   1.5A Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com