Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR152G Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # FR152G
Description  1.5A GLASS PASSIVATED FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

FR152G Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  FR152G Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd FR152G Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
FR151G FR152G FR153G FR254G FR155G FR156G FR157G
Unit
Characteristic
FR151G – FR157G
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-15, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 1.5A
VFM
1.3
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
150
250
500
nS
Typical Junction Capacitance (Note 3)
Cj
30
pF
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
FR151G – FR157G
1.5A GLASS PASSIVATED FAST RECOVERY DIODE
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-15
Dim
Min
Max
A
24.5
B
5.50
7.62
C
0.60
0.80
D
2.60
3.60
All Dimensions in mm
Alldatasheet


Similar Part No. - FR152G

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
FR152G CHONGQING-FR152G Datasheet
177Kb / 1P
   1.5AMPS . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
FR152G RECTRON-FR152G Datasheet
240Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
DAESAN ELECTRONIC CORP.
FR152G DAESAN-FR152G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
List of Unclassifed Man...
FR152G ETC2-FR152G Datasheet
117Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Shanghai Shunye Electro...
FR152G SHUNYE-FR152G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Similar Description - FR152G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PR1501G ZSELEC-PR1501G Datasheet
134Kb / 2P
   1.5A GLASS PASSIVATED FAST RECOVERY DIODE
PG150R ZSELEC-PG150R Datasheet
135Kb / 2P
   1.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Diodes Incorporated
PR1501G DIODES-PR1501G Datasheet
62Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
logo
TAITRON Components Inco...
TF151G TAITRON-TF151G Datasheet
130Kb / 4P
   1.5A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR15-005G-LFR FRONTIER-FR15-005G-LFR Datasheet
126Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR15-005G FRONTIER-FR15-005G Datasheet
126Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR151G FRONTIER-FR151G Datasheet
983Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
PR1501G DIODES-PR1501G_1 Datasheet
87Kb / 3P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. 5 - 2
logo
TAITRON Components Inco...
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
   1.5A Sintered Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com