Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR3K Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # FR3K
Description  3.0A SURFACE MOUNT FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

FR3K Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  FR3K Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd FR3K Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Weight:
Surge Overload Rating to 100A Peak
Case: SMC/DO-214AB, Molded Plastic
Classification Rating 94V-O
Ultra-Fast Recovery Time
Low Power Loss
Ideally Suited for Automatic Assembly
Lead Free: For RoHS / Lead Free Version
150
250
500
nS
1.3
V
3.0A SURFACE MOUNT FAST RECOVERY
DIODE
-65 to +150
°C
35
70
140
280
420
560
800
V
50
100
200
400
600
800
1000
V
FR3A – FR3M
Features
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 100°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 3.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
Typical Junction Capacitance (Note 2)
Cj
50
pF
Typical Thermal Resistance (Note 3)
RJL
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
1 of 2
FR3A – FR3M
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
!
A
B
C
D
G
H
E
J
SMB
SMC
Dim
Min
Max
Min
Max
A
3.30
3.94
5.59
6.22
B
4.06
4.57
6.60
7.11
C
1.96
2.21
2.75
3.18
D
0.15
0.31
0.15
0.31
E
5.00
5.59
7.75
8.13
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.00
2.62
2.00
2.62
All Dimensions in mm
SMB Weight: 0.093 grams (approx.)
SMC Weight: 0.20 grams (approx.)
Characteristic
Symbol
FR3A
FR3B
FR3D
FR3G
FR3J
FR3K
FR3M
Unit
Alldatasheet


Similar Part No. - FR3K

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR3K SURGE-FR3K Datasheet
80Kb / 2P
   FAST SWITCHING SURFACE MOUNT RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT -3.0 Amperes?
logo
Shanghai Shunye Electro...
FR3K SY-FR3K Datasheet
1,023Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
RFE international
FR3K RFE-FR3K Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
logo
Transys Electronics
FR3K TRSYS-FR3K Datasheet
145Kb / 3P
   FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
Micro Commercial Compon...
FR3K MCC-FR3K Datasheet
752Kb / 4P
   3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FR3K

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS3A ZSELEC-RS3A Datasheet
146Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
FS3A ZSELEC-FS3A Datasheet
73Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY DIODE
logo
Won-Top Electronics
FR3A WTE-FR3A_06 Datasheet
52Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
RS3AF ZSELEC-RS3AF Datasheet
108Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
RS3ABF ZSELEC-RS3ABF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Diodes Incorporated
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
RS3AB YIXIN-RS3AB Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A_10 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 11 - 2
logo
Won-Top Electronics
FR3A WTE-FR3A Datasheet
46Kb / 3P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com