Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3100A22-10SW Datasheet(PDF) 2 Page - DDK Ltd.

Part # DMS3100A22-10SW
Description  MIL-DTL-5015 Style Circular Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3100A22-10SW Datasheet(HTML) 2 Page - DDK Ltd.

  DMS3100A22-10SW Datasheet HTML 1Page - DDK Ltd. DMS3100A22-10SW Datasheet HTML 2Page - DDK Ltd. DMS3100A22-10SW Datasheet HTML 3Page - DDK Ltd. DMS3100A22-10SW Datasheet HTML 4Page - DDK Ltd. DMS3100A22-10SW Datasheet HTML 5Page - DDK Ltd. DMS3100A22-10SW Datasheet HTML 6Page - DDK Ltd. DMS3100A22-10SW Datasheet HTML 7Page - DDK Ltd. DMS3100A22-10SW Datasheet HTML 8Page - DDK Ltd. DMS3100A22-10SW Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
http://www.ddknet.co.jp
D/MS A/B Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
Rated Current
Rated Voltage
Dielectric
Withstanding
Voltage
Insulation
Resistance
5000MΩ min. at 500V DC
Contact
Resistance
Operating
Temperature
-55℃ 〜 +125℃
Applicable
Cable Size
○ SPECIFICATIONS
○ MATERIAL / FINISH
Item
Material / Finish
Contact
Copper Alloy / Silver or Gold Plating
Insert
Diallyl Phthalate Resin(Blue)
Shell
Aluminum Alloy / Zinc Plating, Black Trivalent Chromium Treatment
Retaining Ring
Copper Alloy / Nickel Plating
Gasket
Synthetic Rubber (Nitrile)
Service Rating
Dielectric Withstanding Voltage at 1minute
INST
1,000V AC(r.m.s.)
A
2,000V AC(r.m.s.)
D
2,800V AC(r.m.s.)
E
3,500V AC(r.m.s.)
Contact Size
Assembled in Insulator
# 16
13A max.
# 12
23A max.
#8
46A max.
#4
80A max.
#0
150A max.
Service Rating
DC
AC(r.m.s.)
INST
250V
200V
A
700V
500V
D
1,250V
900V
E
1,750V
1,250V
Contact Size
Test Current  Voltage Descent
# 16
13A
87mV max.
# 12
23A
77mV max.
#8
46A
80mV max.
#4
80A
70mV max.
#0
150A
65mV max.
Contact Size
      Applicable Cable Size
A.W.G.
Official Sectional Area Conductor Diameter
# 16
#16 〜# 22
1.25mm2
1.6mm Max.
# 12
#12 〜 #14
3.50mm2
2.5mm Max.
#8
#8 〜 #10
8.00mm2
4.5mm Max.
#4
#4 〜 #6
22.00mm2
7.0mm Max.
#0
#0 〜 #2
50.00mm2
11.0mm Max.
RoHS
Compliant
RoHS
Compliant


Similar Part No. - DMS3100A22-10SW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3100E10SL DDK-DMS3100E10SL Datasheet
3Mb / 33P
   MIL-C-5015 Compatible Environment Resistant Type
DMS3100E10SL-29PBSL-0 DDK-DMS3100E10SL-29PBSL-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3100E10SL-29PBSL-1 DDK-DMS3100E10SL-29PBSL-1 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3100E10SL-29PBSL-2 DDK-DMS3100E10SL-29PBSL-2 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
DMS3100E10SL-29PBSN-0 DDK-DMS3100E10SL-29PBSN-0 Datasheet
1Mb / 26P
   MIL-DTL-5015 Compatible Environment Resistant Type
More results

Similar Description - DMS3100A22-10SW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
10-597107-171 AMPHENOL-10-597107-171 Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com