Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMS3106B20-10SW Datasheet(PDF) 5 Page - DDK Ltd.

Part # DMS3106B20-10SW
Description  MIL-DTL-5015 Style Circular Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3106B20-10SW Datasheet(HTML) 5 Page - DDK Ltd.

  DMS3106B20-10SW Datasheet HTML 1Page - DDK Ltd. DMS3106B20-10SW Datasheet HTML 2Page - DDK Ltd. DMS3106B20-10SW Datasheet HTML 3Page - DDK Ltd. DMS3106B20-10SW Datasheet HTML 4Page - DDK Ltd. DMS3106B20-10SW Datasheet HTML 5Page - DDK Ltd. DMS3106B20-10SW Datasheet HTML 6Page - DDK Ltd. DMS3106B20-10SW Datasheet HTML 7Page - DDK Ltd. DMS3106B20-10SW Datasheet HTML 8Page - DDK Ltd. DMS3106B20-10SW Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
http://www.ddknet.co.jp
D/MS A/B Series
5
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Insert Arrangement List
Number of Contact
6
Insert
Arrangement
Insert Number
14S-6
18-12
20-17
20-22
36-3
Contact Size
6-#16
6-#16
5-#12, 1-#16
3-#8, 3-#16
3-#0, 3-#12
Service Rating
INST
A
A
A
D
Rated Current
13A
13A
#12 : 23A
#16 : 13A
# 8 : 46A
#16 : 13A
# 0 : 150A
#16 : 23A
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
Number of Contact
4
Insert
Arrangement
Insert Number
14S-2
18-4
18-10
20-4
22-10
22-22
Contact Size
4-#16
4-#16
4-#12
4-#12
4-#16
4-#8
Service Rating
INST
D
A
D
E
A
Rated Current
13A
13A
23A
23A
13A
46A
Number of Contact
4
Insert
Arrangement
Insert Number
24-22
32-17
36-5
Contact Size
4-#8
4-#4
4-#0
Service Rating
D
D
A
Rated Current
46A
80A
150A
Number of Contact
5
Insert
Arrangement
Insert Number
14S-5
16S-8
18-11
18-20
32-1
32-2
Contact Size
5-#16
5-#16
5-#12
5-#16
2-#0、 3-#12
3-#4, 2-#16
Service Rating
INST
A
A
A
E(A), D
E
Rated Current
13A
13A
23A
13A
# 0 : 150A
#12 : 23A
#4 : 80A
#16 : 13A
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
D
E
A
C
D
A
E
C B
F
B
D
A
E
F
E
A
B
D
C
B
F
D
E
C
C
B
D
E
F
G
B
D
E
F
G
C
A
B
C
D
E
F
G
H
I
H
J
A
K
C
D
E
P
L
B
J
H
N
G
F
M
E
G
H
E
B
F
G
K
J
N
M
D
L
I
H
C
A
C
C
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
B
A
B
A
B
C
A
B
C
A
B
C
D
A
B
C
D
D
C
B
A
D
A
B
C
C
B
D
A
B
C
A
A
C
B
C
B
A
Contact Size Symbol
Service Rating・・・・・・ INST
A
D
E
Rated Voltage AC(r.m.s.)
200
500
900
1,250
Rated Voltage DC ・・・ 250
700
1,200 1,750
Contact Size・・・・・・・・・・・ #16
#12
#8
#4
#0
MAX
Current /Contact・・・・・・ 13
23
46
80
150
#16
#12
#8
#4
#0


Similar Part No. - DMS3106B20-10SW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A10SL-29PW(D190) DDK-DMS3106A10SL-29PW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A10SL-29PX(D190) DDK-DMS3106A10SL-29PX(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A10SL-29PY(D190) DDK-DMS3106A10SL-29PY(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A10SL-29PZ(D190) DDK-DMS3106A10SL-29PZ(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results

Similar Description - DMS3106B20-10SW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
10-597107-171 AMPHENOL-10-597107-171 Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com